Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV19LP007 Datasheet(PDF) 1 Page - APEM

Part # AV19LP007
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV19LP007 Datasheet(HTML) 1 Page - APEM

  AV19LP007 Datasheet HTML 1Page - APEM AV19LP007 Datasheet HTML 2Page - APEM AV19LP007 Datasheet HTML 3Page - APEM AV19LP007 Datasheet HTML 4Page - APEM AV19LP007 Datasheet HTML 5Page - APEM AV19LP007 Datasheet HTML 6Page - APEM AV19LP007 Datasheet HTML 7Page - APEM AV19LP007 Datasheet HTML 8Page - APEM AV19LP007 Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
B-88
APEM
www.apem.com
AV series
Anti-vandal and security pushbutton switches
Distinctive features
B
❑ Attractive, robust and durable
• Irremovable
• Anti-jamming construction : reduced travel to prevent insertion of foreign parts
• Contact and mechanism protected against crushing
• Fire resistant
• Long life
❑ Sealed versions
❑ Degree of protection (switches mounted on vertical panels,
as shown opposite) :
- standard version : IP54
- sealed version : IP65
EXAMPLES OF MOUNTING FOR SEALED VERSIONS
Preferred
With boot U2187 (sect. H)
➞ O-ring
Packaging unit
: specified on the following pages.
Mounting accessories
: Standard and special hardware are presented in section I.


Similar Part No. - AV19LP007

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AV1910000Q04 TEC-AV1910000Q04 Datasheet
239Kb / 3P
ALCOSWITCH ANTI-VANDAL SWITCH SERIES
AV1910D512Q04 TEC-AV1910D512Q04 Datasheet
165Kb / 3P
ALCOSWITCH ANTI-VANDAL SWITCH SERIES
AV1910DA12T5Q04 TEC-AV1910DA12T5Q04 Datasheet
165Kb / 3P
ALCOSWITCH ANTI-VANDAL SWITCH SERIES
AV1910EG24T5Q04 TEC-AV1910EG24T5Q04 Datasheet
165Kb / 3P
ALCOSWITCH ANTI-VANDAL SWITCH SERIES
AV1910R112Q04 TEC-AV1910R112Q04 Datasheet
1,022Kb / 4P
ANTI-VANDAL SWITCH 19mm FIXED RING LED
06FEB2016
More results

Similar Description - AV19LP007

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW2 MA-COM-MA4AGSW2 Datasheet
109Kb / 7P
SPDT AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
118Kb / 7P
SP4T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW5 MA-COM-MA4AGSW5 Datasheet
130Kb / 7P
SP5T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
List of Unclassifed Man...
70-111225 ETC2-70-111225 Datasheet
53Kb / 1P
SPNO
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
logo
M/A-COM Technology Solu...
MA4AGSW8-1 MA-COM-MA4AGSW8-1_15 Datasheet
572Kb / 7P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com