Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1L. Datasheet(PDF) 1 Page - TROMPETER ELECTRONICS, INC.

Part # RT1L.
Description  Tools & accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TROMPETER [TROMPETER ELECTRONICS, INC.]
Direct Link  
Logo TROMPETER - TROMPETER ELECTRONICS, INC.

RT1L. Datasheet(HTML) 1 Page - TROMPETER ELECTRONICS, INC.

  RT1L. Datasheet HTML 1Page - TROMPETER ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
76
BNC Bulk Packaging
Bulk packaging for UPL220 Series BNC plugs ... Trompeter
offers Tool Crimp BNC's bulk packed in convenient vacuum-
formed plastic trays. Bulk packaging is perfect for OEM and
high-volume, on-site installations.
Includes:
(50) Body Assemblies
(51) Crimp Sleeves
(52) Center Contact Pins
Assembly Instructions
Example: UPL220-026/T50
BNC part number
Vacuum Tray part number
For cable groups see pages 91-133
(Not available for cable groups -017)
Tool Kits
BNC Coax Assembly Training Video
Trompeter has produced a video which outlines the major
features of our BNC design, describes the tools for reliable
installation, and gives step-by-step assembly instructions.
The BNC Assembly Video is available in VHS format or
CD at no cost to Trompeter Customers.
▲
For additional information or for a free demonstration,
contact your local Sales Representative located on the
inside back cover of this catalog or you can log on to our
web site at http://www.trompeter.com and locate the rep
nearest you.
Tools & accessories
Connector Removal Tools
BNC Cable plug
Type
Length
RT1XL
straight
22.00"
RT1L
straight
12.00"
RTR-1L
right angle
12.00"
RTR-1XL
right angle
22.00"
RT1S
straight
6.00"
RT1SS
straight
3.75"
RTC-1L (insulated)
straight
12.00"
TPS, TCM, TRS, TTM
RT4L
straight
12.00"
RT4S
straight
6.00"
RTC-4L (insulated)
straight
12.00"
TRC, TRN
RT5XL
straight
23.25"
RT5L
straight
13.25"
RT5S
straight
7.25"
LENGTH
Pin
Crimp Tool
Crimp Tool
BNC/Mini-WECo
Center
Tool Kit
Height
8-Point
12-Point
Electrical
Crimp
Contact
Part Number
Indicator
Indentor
Indentor
Guage
Die
Guage
TK4NL-1
UPLCG-1
010-0097
Not Included
Not Included
CD3-19
Not Included
TK4NL-1A
UPLCG-1
010-0097
Not Included
Not Included
CD3-19
Not Included
TK4NL-2
UPLCG-1
Not Included
010-0098
Not Included
CD3-19
Not Included
TK4NL-3
UPLCG-1
010-0097
010-0098
Not Included
CD3-19
Not Included
TK4NL-4
Not Included
010-0097
Not Included
010-0108
CD3-19
Not Included
TK4NL-5
Not Included
Not Included
010-0080
010-0108
CD3-19
010-0101
All Tool Kits Include: Case, BWS Cable Stripper with BWS Cutter heads
(one C26T3D and one C26T3I), Cable Cutter (part number 700-0024), and
Ergonomic Crimp Tool w/long handle CT4L with Crimp Die CD3-19 embosses
the die cavity size on the crimp sleeve either .178 or .255. Contact the factory for
custom tool kits.


Similar Part No. - RT1L.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT1 MACOM-RT1 Datasheet
286Kb / 4P
Power PCB Relay
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
Power PCB Relay RT1
logo
Tyco Electronics
RT1 MACOM-RT1 Datasheet
589Kb / 3P
Power PCB Relay RT1 1 pole 12 / 16 A, DC- or AC-coil
logo
Omron Electronics LLC
RT1 OMRON-RT1 Datasheet
703Kb / 10P
Remote Access Solution
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
More results

Similar Description - RT1L.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DHCR15 ETC2-DHCR15 Datasheet
222Kb / 3P
LD Terminals, Hand Tools & Accessories
logo
PANDUIT CORP.
CJAST PANDUIT-CJAST Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
logo
Glenair, Inc.
600-192 GLENAIR-600-192 Datasheet
274Kb / 1P
Accessories and Tools
601-108 GLENAIR-601-108 Datasheet
231Kb / 1P
Accessories and Tools
logo
PHOENIX CONTACT
1206188 PHOENIX-1206188 Datasheet
42Kb / 2P
Accessories for tools - PPS HANDLE
1206298 PHOENIX-1206298 Datasheet
43Kb / 2P
Accessories for tools - PPS PROFILE PLATE
1206311 PHOENIX-1206311 Datasheet
43Kb / 2P
Accessories for tools - PPS END STOP
1206324 PHOENIX-1206324 Datasheet
43Kb / 2P
Accessories for tools - PPS RAIL GUIDE
1206337 PHOENIX-1206337 Datasheet
43Kb / 2P
Accessories for tools - PPS LEVER
1105212 PHOENIX-1105212 Datasheet
49Kb / 2P
Accessories for tools - PPS COMPACT/CLAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com