Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OFM-5007/M Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # OFM-5007/M
Description  5W Ultraminiature Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM-5007/M Datasheet(HTML) 1 Page - Astrodyne Corporation

  OFM-5007/M Datasheet HTML 1Page - Astrodyne Corporation OFM-5007/M Datasheet HTML 2Page - Astrodyne Corporation OFM-5007/M Datasheet HTML 3Page - Astrodyne Corporation OFM-5007/M Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5W Ultraminiature Open Frame Switching Power Supplies
O F M 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Universal 85-265VAC Input
High Efficiency
Regulated Outputs
3000V Isolation
Single and Dual Outputs
UL60950-1, EN60950-1 & IEC60950-1 Approved
Model Number
Output Voltage
Output Amps(max)
(pk)
SINGLE OUTPUT
OFM-5000
3.3 VDC
1.25A
1.56A
OFM-5001
5 VDC
1A
1.5A
OFM-5002
12 VDC
0.42A
0.63A
OFM-5003
15VDC
0.33A
0.5A
OFM-5005
24VDC
0.23A
0.35A
DUAL OUTPUT
OFM-5006
+/-12VDC
+/-0.21A
+/-0.26A
OFM-5007
+/-15VDC
+/-0.17A
+/-0.21A
Order On-Line!
astrodyne.com
1.77”W x 2.28”L x 0.83”H


Similar Part No. - OFM-5007/M

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM-5000 ASTRODYNE-OFM-5000 Datasheet
444Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
OFM-5001 ASTRODYNE-OFM-5001 Datasheet
444Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
OFM-5002 ASTRODYNE-OFM-5002 Datasheet
444Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
OFM-5003 ASTRODYNE-OFM-5003 Datasheet
444Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
OFM-5005 ASTRODYNE-OFM-5005 Datasheet
444Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - OFM-5007/M

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
40W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5_16 Datasheet
444Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
10W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com