Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ2W331MS Datasheet(PDF) 2 Page - DB Lectro Inc

Part # LZ2W331MS
Description  CHIP TYPE, LOW IMPEDANCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

LZ2W331MS Datasheet(HTML) 2 Page - DB Lectro Inc

  LZ2W331MS Datasheet HTML 1Page - DB Lectro Inc LZ2W331MS Datasheet HTML 2Page - DB Lectro Inc LZ2W331MS Datasheet HTML 3Page - DB Lectro Inc LZ2W331MS Datasheet HTML 4Page - DB Lectro Inc LZ2W331MS Datasheet HTML 5Page - DB Lectro Inc LZ2W331MS Datasheet HTML 6Page - DB Lectro Inc LZ2W331MS Datasheet HTML 7Page - DB Lectro Inc LZ2W331MS Datasheet HTML 8Page - DB Lectro Inc LZ2W331MS Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LZ Series
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
6.3
10
16
WV
F
Case size Impedance
R.C.
Case size Impedance
R.C.
Case size Impedance
R.C.
10
4 x 5.4
3.0
60
15
5 x 5.4
(4 x 5.4)
1.8
(3.0)
95
(60)
22
4 x 5.4
3.0
60
5 x 5.4
(4 x 5.4)
1.8
(3.0)
95
(60)
5 x 5.4
(4 x 5.4)
1.8
(3.0)
95
(60)
33
5 x 5.4
(4 x 5.4)
1.8
(3.0)
95
(60)
5 x 5.4
(4 x 5.4)
1.8
(3.0)
95
(60)
6.3 x 5.4
(5 x 5.4)
1.0
(1.8)
140
(95)
47
5 x 5.4
(4 x 5.4)
1.8
(3.0)
95
(60)
6.3 x 5.4
(5 x 5.4)
1.0
(1.8)
140
(95)
6.3 x 5.4
(5 x 5.4)
1.0
(1.8)
140
(95)
68
6.3 x 5.4
(5 x 5.4)
1.0
(1.8)
140
(95)
6.3 x 5.4
1.0
140
6.3 x 7.7
(6.3 x 5.4)
0.6
(1.0)
230
(140)
100
6.3 x 5.4
(5 x 5.4)
1.0
(1.8)
140
(95)
6.3 x 7.7
(6.3 x 5.4)
0.6
(1.0)
230
(140)
6.3 x 7.7
(6.3 x 5.4)
0.6
(1.0)
230
(140)
150
6.3 x 7.7
(6.3 x 5.4)
0.6
(1.0)
230
(140)
6.3 x 7.7
(6.3 x 5.4)
0.6
(1.0)
230
(140)
6.3 x 7.7
0.6
230
220
6.3 x 7.7
(6.3 x 5.4)
0.6
(1.0)
230
(140)
6.3 x 7.7
0.6
230
8 x 10.5
(6.3 x 7.7)
0.30
(0.6)
450
(230)
330
6.3 x 7.7
0.6
230
8 x 10.5
0.30
450
10 x 10.5
(8 x 10.5)
0.15
(0.30)
670
(450)
470
8 x 10.5
0.30
450
8 x 10.5
0.30
450
10 x 10.5
(8 x 10.5)
0.15
(0.30)
670
(450)
680
8 x 10.5
0.30
450
10 x 10.5
0.15
670
10x 10.5
0.15
670
1000
10 x 10.5
(8 x 10.5)
0.15
(0.30)
670
(450)
10 x 10.5
0.15
670
10 x 10.5
0.15
670
1500
10 x 10.5
0.15
670
25
35
50
WV
F
Case size Impedance
R.C.
Case size Impedance
R.C.
Case size Impedance
R.C.
1
4 x 5.4
3.0
60
4 x 5.4
5.0
30
1.5
4 x 5.4
3.0
60
4 x 5.4
5.0
30
2.2
4 x 5.4
3.0
60
4 x 5.4
5.0
30
3.3
4 x 5.4
3.0
60
4 x 5.4
5.0
30
4.7
4 x 5.4
3.0
60
4 x 5.4
3.0
60
5 x 5.4
3.0
50
6.8
4 x 5.4
3.0
60
5 x 5.4
1.8
95
6.3 x 5.4
2.0
70
10
5 x 5.4
(4 x 5.4)
1.8
(3.0)
95
(60)
5 x 5.4
(4 x 5.4)
1.8
(3.0)
95
(60)
6.3 x 5.4
2.0
70
15
6.3 x 5.4
1.8
95
5 x 5.4
1.8
95
6.3 x 5.4
2.0
70
22
6.3 x 5.4
(5 x 5.4)
1.0
(1.8)
140
(95)
6.3 x 5.4
(5 x 5.4)
1.0
(1.8)
140
(95)
6.3 x 7.7
(6.3 x 5.4)
1.0
(2.0)
120
(70)
33
6.3 x 5.4
(5 x 5.4)
1.0
(1.8)
140
(95)
6.3 x 5.4
1.0
140
6.3 x 7.7
1.0
120
47
6.3 x 7.7
(6.3 x 5.4)
0.6
(1.0)
230
(140)
6.3 x 7.7
(6.3 x 5.4)
0.60
(1.0)
230
(140)
6.3 x 7.7
1.0
120
68
6.3 x 7.7
0.6
230
6.3 x 7.7
0.60
230
8 x 10.5
0.60
300
100
6.3 x 7.7
0.6
230
8 x 10.5
0.30
450
8 x 10.5
0.60
300
150
8 x 10.5
(6.3 x 7.7)
0.30
(0.6)
450
(230)
8 x 10.5
0.30
450
10 x 10.5
0.30
500
220
8 x 10.5
0.30
450
10 x 10.5
(8 x 10.5)
0.15
(0.30)
670
(450)
10 x 10.5
0.30
500
330
10 x 10.5
(8 x 10.5)
0.15
(0.30)
670
(450)
10 x 10.5
0.15
670
470
10 x 10.5
0.15
670
10 x 10.5
0.15
670
maximum impedance ( ) at 20 C 100kHz, ripple current (mA rms) at 105 C 100kHz
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.35
0.50
0.64
0.83
1.00
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Case size
∅D×L (mm),
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com