Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS455 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # CS455
Description  Submersible Pressure Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS455 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  CS455 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS455 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2009, 2012
Campbell Scientific, Inc.
Printed August 2012
Ordering Information
Pressure Transducers
When ordering a CS450 or CS455, you must choose a range option
and an accuracy option (see below).
CS450-L
Pressure Transducer with Stainless Steel Case and user-
specified length. Enter length, in feet, after the -L.
CS455-L
Pressure Transducer with Titanium Case and user-
specified length. Enter length, in feet, after the -L.
Range Options for CS450 and CS455 (choose one)
-2
Pressure range of 0 to 2.9 psig (0 to 20 kPa) or
up to 6.7 feet of fresh water*.
-7
Pressure range of 0 to 7.25 psig (0 to 50 kPa) or
up to 16.7 feet of fresh water.
-14
Pressure range of 0 to14.5 psig (0 to 100 kPa) or
up to 33.4 feet of fresh water.
-29
Pressure range of 0 to 29 psig (0 to 200 kPa) or
up to 67.0 feet of fresh water.
-72
Pressure range of 0 to 72.5 psig (0 to 500 kPa) or
up to 167.0 feet of fresh water.
-145
Pressure range of 0 to 145 psig (0 to 1000 kPa) or
up to 334.5 feet of fresh water.
Accuracy Options for CS450 and CS455 (choose one)
-SA
Standard Accuracy. Provides ±0.1% FS over 0° to
60°C temperature range.
-HA
High Accuracy*. Provides ±0.05% FS over 0° to 60°C
temperature range. Includes a calibration certificate.
Optional Calibration Certificate (Standard Accuracy Only)
-CC
If specified, a calibration certificate that contains
calibration information specific to the individual
unit is shipped with a standard accuracy probe.
Common Accessories
25431
Split Mesh Cable Grip.
25366
Replacement Desiccant Tube.
25414
CS450 or CS455 Weighted Nose Cone that facilitates
stand-alone submersion.
A200
Sensor to PC Interface (for configuring sensor).
A150-L
Single Sensor Terminal Case, Vented with Desiccant. En-
ter cable length, in feet, after the -L. Must choose a cable
termination option (see below).
Cable Termination Options for A150 (choose one)
-PT
Cable terminates in stripped and tinned leads for
direct connection to a datalogger’s terminals.
-PW
Cable terminates in connector for attachment to a
prewired enclosure.
-CWS
Cable terminates in a connector for attachment to a
CWS900-series interface. Connection to a CWS900-
series interface allows this sensor to be used in a
wireless sensor network.
Power Requirements:
6 to 18 Vdc
Power Consumption
Quiescent:
< 80 μA
Measurement/
Communication:
8 mA (1 second measurement)
Maximum:
40 mA
Measurement Time:
< 1.5 seconds
Outputs:
SDI-12 (version 1.3) 1200 baud;
RS-232 9600 baud
Measurement Ranges:
Pressure (psig)
Pressure (kPa)
Feet of fresh water
0 to 2.9
0 to 20
0 to 6.7
0 to 7.25
0 to 50
0 to 16.7
0 to 14.5
0 to 100
0 to 33.4
0 to 29
0 to 200
0 to 67
0 to 72.5
0 to 500
0 to 167
0 to 145
0 to 1000
0 to 334.5
Accuracy
Standard Option:
±0.1% FS TEB**
High Option*:
±0.05% FS TEB**
Resolution:
0.0035% FS
Overpressure:
2 x pressure range
Operating Temperature:
-10° to 80°C
Compensated Temperature:
0° to 60°C
Temperature Accuracy:
±0.2°C
Maximum Cable Length
SDI-12:
~1500 ft (457 m) for one
sensor connected to a
single port.
200 ft (60 m) for 10 sensors
connected to a single port.
RS-232:
200 ft (60 m)
Cable Type:
5 Conductor, 26 AWG,
Hytrel Jacket
NPT Fitting:
1/4-in. NPS
Material
Top Cone:
Delrin
CS450 Body:
316L stainless steel
CS455 Body:
Titanium
CS450 Element:
316L stainless steel
CS455 Element:
Hastelloy
Dimensions
Length:
8.4 in. (21.34 cm)
Diameter:
0.84 in. (2.13 cm)
Distance from Black Line Etched on Housing to:
End of NPT Fitting:
1.13 in. (2.86 cm)
End of Standard Nose Cone:
1.58 in. (4 cm)
End of Weighted Nose Cone: 4.56 in. (11.59 cm)
Weight
CS450 (no cable):
0.40 lb (0.18 kg)
CS455 (no cable):
0.25 lb (0.11 kg)
Cable:
0.283 lb/ft (0.421 kg/m)
25414 Weighted Nose Cone:
0.465 lb (0.211 kg)
Specifications
*The high accuracy (±0.05% FS) option is not available for the 0 to 2.9 psig range option.
**Total ERROR Band (TEB) includes the combined errors due to nonlinearity, hysteresis, nonrepeatability, and thermal effects over the
compensated temperature range, per ISA S51.1.
Campbell Scientific, Inc. | 815 W 1800 N | Logan, UT 84321-1784 | (435) 227-9000 | www.campbellsci.com
AUSTRALIA | BRAZIL | CANADA | COSTA RICA | ENGLAND | FRANCE | GERMANY | SOUTH AFRICA | SPAIN | USA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com