Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP80390CPU Datasheet(PDF) 1 Page - Digital Core Design

Part # DP80390CPU
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390CPU Datasheet(HTML) 1 Page - Digital Core Design

  DP80390CPU Datasheet HTML 1Page - Digital Core Design DP80390CPU Datasheet HTML 2Page - Digital Core Design DP80390CPU Datasheet HTML 3Page - Digital Core Design DP80390CPU Datasheet HTML 4Page - Digital Core Design DP80390CPU Datasheet HTML 5Page - Digital Core Design DP80390CPU Datasheet HTML 6Page - Digital Core Design DP80390CPU Datasheet HTML 7Page - Digital Core Design DP80390CPU Datasheet HTML 8Page - Digital Core Design DP80390CPU Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
D
DP
P8
80
03
39
90
0C
CP
PU
U
Pipelined High Performance
8-bit Microcontroller
ver 4.02
OVERVIEW
DP80390CPU is an ultra high perform-
ance, speed optimized
soft core of a single-
chip 8-bit embedded controller dedicated for
operation with fast (typically on-chip) and slow
(off-chip) memories. It supports up to 8 MB of
linear code and 16 MB of linear data spaces.
The core has been designed with a special
concern about performance to power con-
sumption
ratio. This ratio is extended by an
advanced power management unit PMU.
DP80390CPU soft core is 100% binary-
compatible with the industry standard 80390 &
8051 8-bit microcontroller. There are two con-
figurations of DP80390CPU: Harward where
internal data and program buses are sepa-
rated, and von Neumann with common pro-
gram and external data bus. DP80390CPU has
Pipelined RISC architecture 10 times faster
compared to standard architecture and exe-
cutes 85-200 million instructions per second.
This performance can also be exploited to
great advantage in low power applications
where the core can be clocked over ten times
more slowly than the original implementation
for no performance penalty.
DP80390CPU is delivered with fully
automated testbench
and complete set of
tests
allowing easy package validation at each
stage of SoC design flow.
CPU FEATURES
100% software compatible with industry
standard 80390 & 8051
LARGE mode – 8051 instruction set
FLAT mode – 80390 instruction set
Pipelined RISC architecture enables to
execute instructions 10 times faster com-
pared to standard 8051
24 times faster multiplication
12 times faster addition
Up to 256 bytes of internal (on-chip) Data
Memory
Up to 8M bytes of linear Program Memory
64 kB of internal (on-chip) Program Memory
8 MB external (off-chip) Program Memory
Up to 16M bytes of external (off-chip) Data
Memory
User programmable Program Memory Wait
States solution for wide range of memories
speed
User programmable External Data Memory
Wait States solution for wide range of
memories speed
De-multiplexed Address/Data bus to allow
easy connection to memory
Dedicated signal for Program Memory
writes.


Similar Part No. - DP80390CPU

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP80390CPU DCD-DP80390CPU Datasheet
130Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
More results

Similar Description - DP80390CPU

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051CPU DCD-DP8051CPU Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
DP80390 DCD-DP80390 Datasheet
253Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051 DCD-DP8051_03 Datasheet
132Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP_03 Datasheet
150Kb / 12P
Pipelined High Performance 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com