| Electronic Components Datasheet Search |
|
DI2CS Datasheet(PDF) 1 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DI2CS Datasheet(HTML) 1 Page - Digital Core Design |
|
1 / 4 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. http://www.DigitalCoreDesign.com Cost-effective reliable automotive sys- tems D DII2 2C CS S ● ● ○ ○ ● ○ ○ ○ ● ● ● ● ● ● ● ● ● ● ● ● ● ● ♦ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ♦ ♦ ♦ I 2C Bus Interface - Slave ver 3.02 OVERVIEW I2C is a two-wire, bi-directional serial bus that provides a simple and efficient method of data transmission over a short distance be- tween many devices. The DI2CS core pro- vides an interface between a microprocessor /microcontroller and an I2C bus. It can works as a slave transmitter or slave receiver de- pending on working mode determined by a master device. The DI2CS core incorporates all features required by the latest I2C specifi- cation including clock synchronization, arbi- tration and High-speed transmission mode. The DI2CS supports all the transmission speed modes. KEY FEATURES Conforms to v.2.1 of the I2C specification Slave operation Slave transmitter Slave receiver Supports 3 transmission speed modes Standard (up to 100 kb/s) Fast (up to 400 kb/s) High Speed (up to 3,4 Mb/s) Allows operation from a wide range of input clock frequencies Simple interface allows easy connection to microprocessor/microcontroller devices Interrupt generation User-defined data setup time Fully synthesizable Static synchronous design with positive edge clocking and synchronous reset No internal tri-states Scan test ready APPLI C ATIONS Embedded microprocessor boards Consumer and professional audio/video Home and automotive radio Low-power applications Communication systems DELIVERABLES Source code: VHDL Source Code or/and VERILOG Source Code or/and Encrypted, or plain text EDIF netlist VHDL & VERILOG test bench environ- ment Active-HDL automatic simulation mac- ros ModelSim automatic simulation macros Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application Technical support |
Similar Part No. - DI2CS |
|
Similar Description - DI2CS |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |