| Electronic Components Datasheet Search |
|
DI2CMS Datasheet(PDF) 1 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DI2CMS Datasheet(HTML) 1 Page - Digital Core Design |
|
1 / 6 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. http://www.DigitalCoreDesign.com Fast (up to 400 kb/s) D DII2 2C CM MS S ● ● ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ ● ○ ○ ○ ○ ○ ○ ○ ○ ○ ● ● ● ● I 2C Bus Interface – Master/Slave ver 1.01 OVERVIEW I2C is a two-wire, bi-directional serial bus that provides a simple and efficient method of data transmission over a short distance between many devices. The DI2CMS core provides an interface between a microprocessor / micro- controller and an I2C bus. It can work as a master or slave transmitter/receiver depend- ing on working mode determined by micro- processor/microcontroller. The DI2CMS core incorporates all features required by the latest I2C specification including clock synchroniza- tion, arbitration, multi-master systems and High-speed transmission mode. The DI2CMS supports all the transmission speed modes. Built-in timer allows operation from a wide range of the clk frequencies. The DI2CMS is a technology independent VHDL or VERILOG design that can be imple- mented in a variety of process technologies and can be fully customized accordingly to customer needs. DI2CMS is delivered with fully automated testbench and complete set of tests allow- ing easy package validation at each stage of SoC design flow. KEY FEATURES Conforms to v.2.1 of the I2C specification Master mode Master operation Master transmitter Master receiver Support for all transmission speeds Standard (up to 100 kb/s) Fast (up to 400 kb/s) High Speed (up to 3,4 Mb/s) Arbitration and clock synchronization Support for multi-master systems Support for both 7-bit and 10-bit addressing formats on the I 2C bus Build-in 8-bit timer for data transfers speed adjusting User-defined timing (data setup, start setup, start hold, etc.) Slave mode Slave operation Slave transmitter Slave receiver Supports 3 transmission speed modes Standard (up to 100 kb/s) High Speed (up to 3,4 Mb/s) Allows operation from a wide range of input clock frequencies User-defined data setup time Simple interface allows easy connection to microprocessor/microcontroller devices Interrupt generation Fully synthesizable Static synchronous design with positive edge clocking and synchronous reset |
Similar Part No. - DI2CMS |
|
Similar Description - DI2CMS |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |