| Electronic Components Datasheet Search |
|
DI2CM Datasheet(PDF) 1 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DI2CM Datasheet(HTML) 1 Page - Digital Core Design |
|
1 / 5 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. http://www.DigitalCoreDesign.com Home and automotive radio D DII2 2C CM M ● ● ○ ○ ● ○ ○ ○ ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ♦ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ♦ ◊ I 2C Bus Interface - Master ver 3.08 OVERVIEW I2C is a two-wire, bi-directional serial bus that provides a simple and efficient method of data transmission over a short distance between many devices. The DI2CM core provides an interface between a microprocessor / micro- controller and an I2C bus. It can work as a master transmitter or master receiver depend- ing on working mode determined by micro- processor/microcontroller. The DI2CM core incorporates all features required by the latest I2C specification including clock synchroniza- tion, arbitration, multi-master systems and High-speed transmission mode. Built-in timer allows operation from a wide range of the clk frequencies. KEY FEATURES Conforms to v.2.1 of the I2C specification Master operation Master transmitter Master receiver Support for all transmission speeds Standard (up to 100 kb/s) Fast (up to 400 kb/s) High Speed (up to 3,4 Mb/s) Arbitration and clock synchronization Support for multi-master systems Support for both 7-bit and 10-bit address- ing formats on the I2C bus Interrupt generation Build-in 8-bit timer for data transfers speed adjusting Host side interface dedicated for micro- processors/microcontrollers User-defined timing (data setup, start setup, start hold, etc.) Fully synthesizable Static synchronous design with positive edge clocking and synchronous reset No internal tri-states Scan test ready APPLI C ATIONS Embedded microprocessor boards Consumer and professional audio/video Low-power applications Communication systems Cost-effective reliable automotive systems DELIVERABLES Source code: VHDL Source Code or/and VERILOG Source Code or/and Encrypted, or plain text EDIF netlist VHDL & VERILOG test bench environ- ment Active-HDL automatic simulation macros ModelSim automatic simulation macros Tests with reference responses Technical documentation Installation notes |
Similar Part No. - DI2CM |
|
Similar Description - DI2CM |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |