Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72682R21 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST72682R21
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682R21 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST72682R21 Datasheet HTML 14Page - STMicroelectronics ST72682R21 Datasheet HTML 15Page - STMicroelectronics ST72682R21 Datasheet HTML 16Page - STMicroelectronics ST72682R21 Datasheet HTML 17Page - STMicroelectronics ST72682R21 Datasheet HTML 18Page - STMicroelectronics ST72682R21 Datasheet HTML 19Page - STMicroelectronics ST72682R21 Datasheet HTML 20Page - STMicroelectronics ST72682R21 Datasheet HTML 21Page - STMicroelectronics ST72682R21 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Human interface implementation
ST72682
18/36
6
Human interface implementation
6.1
LED behavior
The application is designed to manage 2 LEDs. This behavior is configurable through PC
dedicated software: ‘ST7268x Production Tool’.
By default, LED 1 responds to NAND memory access activity and LED 2 responds to USB
activity.
Use of LED 1 is optional. When this option is not active, LED 2 reacts to both USB and
NAND memory activity.
6.2
Read-only switch
The READ ONLY pin of the ST72682 is an input pin to be connected to VDD or GND
depending on the behavior of the device.
●
When this pin is connected to GND, no limitations are applied on the PC command
received.
●
When this pin is connected to VDD or unconnected, the firmware filters all accesses to
the NAND memory which modify the NAND memory state (write, erase, etc.) and
returns an error to the PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com