Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2264AMFKB Datasheet(PDF) 32 Page - Texas Instruments

Part # TLV2264AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2264AMFKB Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLV2264AMFKB Datasheet HTML 28Page - Texas Instruments TLV2264AMFKB Datasheet HTML 29Page - Texas Instruments TLV2264AMFKB Datasheet HTML 30Page - Texas Instruments TLV2264AMFKB Datasheet HTML 31Page - Texas Instruments TLV2264AMFKB Datasheet HTML 32Page - Texas Instruments TLV2264AMFKB Datasheet HTML 33Page - Texas Instruments TLV2264AMFKB Datasheet HTML 34Page - Texas Instruments TLV2264AMFKB Datasheet HTML 35Page - Texas Instruments TLV2264AMFKB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 36
100
95
90
105
110
− 50
− 25
0
25
50
75
100
TA − Free-Air Temperature − °C
VDD = 2.7 V to 8 V
VIC = VO = VDD /2
125
−75
TLV2262
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREE-AIR TEMPERATURE
Figure 37
100
95
90
105
110
− 50
− 25
0
25
50
75
100
TA − Free-Air Temperature − °C
VDD = 2.7 V to 8 V
VIC = VO = VDD /2
125
−75
TLV2264
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREE-AIR TEMPERATURE
Figure 38
400
300
200
500
600
− 50
− 25
0
25
50
75
100
TA − Free-Air Temperature − °C
VDD = 5 V
VO = 2.5 V
VDD = 3 V
VO = 1.5 V
125
−75
TLV2262
SUPPLY CURRENT †‡
vs
FREE-AIR TEMPERATURE
Figure 39
800
600
400
1000
1200
− 50
− 25
0
25
50
75
100
TA − Free-Air Temperature − °C
VDD = 5 V
VO = 2.5 V
VDD = 3 V
VO = 1.5 V
125
−75
TLV2264
SUPPLY CURRENT†‡
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com