Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM7238-R Datasheet(PDF) 5 Page - Rohm

Part # RPM7238-R
Description  IR Receiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM7238-R Datasheet(HTML) 5 Page - Rohm

  RPM7238-R Datasheet HTML 1Page - Rohm RPM7238-R Datasheet HTML 2Page - Rohm RPM7238-R Datasheet HTML 3Page - Rohm RPM7238-R Datasheet HTML 4Page - Rohm RPM7238-R Datasheet HTML 5Page - Rohm RPM7238-R Datasheet HTML 6Page - Rohm RPM7238-R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RPM7238-R series
Photo Link Module
Rev.B
5/6
Notes
(1) All characteristics of the receiver in this specification are specified by supplying burst wave form (Fig.1) with ROHM
standard transmitter (Fig.2 ).
If in case of other burst wave form will be used, please check these spec. Carefully under the evaluations.
(2) When the receiver will be used as the wire-less remote controller, please use the signal method the signal format
which refer to “Measures to prevent mulfunctioning of IR remote-controlled electric home appliances”. (Published July
1987 by Association of Electric Home Appliances)
If using other signal method, signal format, (ex: signal format which not including the leader signal) the receiver might
have chances to miss-function.
(3) Please set up transmitter’s carrier frequency as same as the receiver’s f0 frequency. Otherwise error might be
occurred.
(4) If transmission signal has non-continues carrier, error might be occurred. Continuous carrier is necessary.
T1
T2
T1
≠T2
(5) The receiver was designed to use as in-door use only.
Therefore, please understand that the receiver cannot cover all characteristics, in case of using it out-door.
(6) Noise environment (Light noise from inverter Lamp, and other kind of Lamps, Power ripple, electromagnetic noise from
power circuit, and etc) may cause a reduced effective distance.
(7) The receiver may not work properly if receiving signal judgement is done by single pulse due to the
surrounding / environmental noises.
To prevent such misjudgement, please make sure that the receiver is set up to work only when receiving
series of coded signal.
(8) Emitting unit (remote control transmitter) has to be considered about its emitting device function, characteristics and
characteristics of the receiver.
(9) Please connect ‘Holder’ on to the ‘Ground (GND)’ of PCB. If the holder is not connected to the GND, there is a
possibility of worsening the characteristics of product.
(10) Do not supply unnecessary stress to lead and holder.
(11) Please pay careful attention to the lens.
It might have a chance to miss-function when the lens get dust or dirty. And also please do not touch the lens.
(12) In order to prevent products from ESD, human body and solder iron, etc. are required to be grounded.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com