Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDRIVEG611Q Datasheet(PDF) 21 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 17Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 18Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 19Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 20Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 21Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 22Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 23Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 24Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
6.7
Thermal shutdown
The STDRIVEG611 provides a thermal shutdown protection feature.
When, during active mode, the junction temperature reaches the TTSD temperature threshold, the device turns the
driver outputs off to leaves the half-bridge in 3-state and signals this condition forcing the FLT pin low. The status
of all the input pins is ignored.
When the junction temperature is lower than TTSD-THYS, the device operation is restored and the FLT pin is
released.
Figure 16. Thermal shutdown behavior
TJ
TTSD
THYS
LIN
OUTL
FLT
STBY
TJ
TTSD
THYS
HIN
OUTH
FLT
STBY
The overtemperature detection is inactive when the device is operating in standby mode or in VCC UVLO to
minimize consumption. On standby mode exit or VCC UVLO exit, overtemperature requires tTSD to protect
against overtemperature.
Figure 17. Thermal shutdown vs. standby
TJ
TTSD
THYS
LIN/HIN
OUTL/OUTH
FLT
STBY
tTSD
STATUS
ACTIVE
OVERTEMP.
ACTIVE
OVERTEMP.
STANDBY
ACTIVE OT
STDRIVEG611
Device description
DS14457 - Rev 2
page 21/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com