| Electronic Components Datasheet Search |
|
STCF03 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF03 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 35 page ![]() Introduction STCF03 17/35 7.9 Interface protocol The interface protocol is composed: - A start condition (START) - A Device address + R/W bit (read =1 / write =0) - A Register address byte - A sequence of data n* (1 byte + acknowledge) - A stop condition (STOP) The Register address byte determines the first register in which the read or write operation takes place. When the read or write operation is finished, the register address is automatically increased. 7.10 Writing to multiple registers with incremental addressing It would be unpractical to send several times the device address and the address of the register when writing to multiple registers. STCF03 supports writing to multiple registers with incremental addressing. When the data is written to a register, the address register is automatically increased, so the next data can be sent without sending the device address and the register address again. See Figure 9 below. Figure 8. Writing to a single register S T A R T DEVICE ADDRESS 7 bits A C K W R I T E M S B L S B R / W A C K ADDRESS OF REGISTER DATA A C K A C K S T O P M S B M S B L S B L S B SDA LINE S T A R T DEVICE ADDRESS 7 bits A C K W R I T E M S B L S B R / W A C K ADDRESS OF REGISTER DATA A C K A C K S T O P M S B M S B L S B L S B S T A R T DEVICE ADDRESS 7 bits A C K W R I T E M S B L S B R / W A C K ADDRESS OF REGISTER DATA A C K A C K S T O P M S B M S B L S B L S B SDA LINE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |