| Electronic Components Datasheet Search |
|
CF5010CL3 Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF5010CL3 Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc |
|
21 / 25 page ![]() SM5010 series SEIKO NPC CORPORATION —21 5010HK × series 5V operation/Duty level: TTL VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted. Current consumption and Output waveform with NPC’s standard crystal Parameter Symbol Condition Rating Unit min typ max Output rise time tr3 Measurement cct 6, load cct 2, 0.4V to 2.4V CL = 15pF – 1.2 2.4 ns tr5 CL = 50pF – 2.0 5.0 Output fall time tf3 Measurement cct 6, load cct 2, 2.4V to 0.4V CL = 15pF – 1.2 2.4 ns tf5 CL = 50pF – 2.0 5.0 Output duty cycle1 1. The duty cycle characteristic is checked the sample chips of each production lot. Duty Measurement cct 6, load cct 2, VDD = 5.0V, Ta = 25°C, CL = 15pF, f = 50MHz 45–55 % Output disable delay time tPLZ Measurement cct 7, load cct 2, VDD = 5.0V, Ta = 25°C, CL = 15pF – – 100 ns Output enable delay time tPZL – – 100 ns f [MHz] R [ Ω] L [mH] Ca [fF] Cb [pF] 30 17.2 4.36 6.46 2.26 40 16.8 2.90 5.47 2.08 L Ca R Cb f [MHz] R [ Ω] L [mH] Ca [fF] Cb [pF] 30 18.62 16.24 1.733 5.337 40 20.53 11.34 1.396 3.989 50 22.17 7.40 1.370 4.105 60 15.37 3.83 1.836 5.191 70 25.42 4.18 1.254 5.170 for Fundamental oscillator for 3rd overtone oscillator |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |