Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLITEUS2M6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST7FLITEUS2M6
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITEUS2M6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST7FLITEUS2M6 Datasheet HTML 17Page - STMicroelectronics ST7FLITEUS2M6 Datasheet HTML 18Page - STMicroelectronics ST7FLITEUS2M6 Datasheet HTML 19Page - STMicroelectronics ST7FLITEUS2M6 Datasheet HTML 20Page - STMicroelectronics ST7FLITEUS2M6 Datasheet HTML 21Page - STMicroelectronics ST7FLITEUS2M6 Datasheet HTML 22Page - STMicroelectronics ST7FLITEUS2M6 Datasheet HTML 23Page - STMicroelectronics ST7FLITEUS2M6 Datasheet HTML 24Page - STMicroelectronics ST7FLITEUS2M6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
ST7LITEUSx
21/108
SUPPLY, RESET AND CLOCK MANAGEMENT (Cont’d)
Figure 10. Clock Management Block Diagram
MCCSR
SMS
PERIPHERALS
(1ms timebase @ 8 MHz fOSC)
fOSC/32
fOSC
fOSC
fLTIMER
LITE TIMER COUNTER
13-BIT
fCPU
TO CPU AND
0
1
CR6
CR9
CR2
CR3
CR4
CR5
CR8
CR7
RCCR
fOSC
CLKIN
Tunable
Oscillator
internal RC
Option bits
CKSEL[1:0]
/2
DIVIDER
AWU
8MHz
2MHz
1MHz
4MHz
Prescaler
RC
8MHz(fRC)
33kHz
Clock
Controller
Ext Clock
AWU CK
RC OSC
CR1
CR0
SICSR
/32 DIVIDER
fCLKIN
CKCNTCSR
RC/AWU
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com