Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVR1H331MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UVR1H331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVR1H331MPD Datasheet(HTML) 2 Page - Nichicon corporation

  UVR1H331MPD Datasheet HTML 1Page - Nichicon corporation UVR1H331MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
VR
series
ALUMINUM ELECTROLYTIC CAPACITORS
Size 4
×11 is available for capacitors marked " "
In this case,
will be put at 12th digit of type numbering system " "
6
Frequency coefficient of rated ripple current
~ 47000
100 ~ 47000
1000 ~ 33000
0.47 ~ 22000
6.3 ~ 100
V
160 ~ 450
50Hz
120Hz
300Hz
1 kHz
10kHz ~
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
0.80
1.00
1.25
1.40
1.60
Cap.(
µF)
Frequency
Dimensions
6.3
0J
10
16
25
35
50
63
100
1A
1C
1E
1V
1H
1J
2A
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
22000
33000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
103
153
223
333
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 20
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 40
22
× 30
22
× 50
25
× 40
65
80
95
135
200
270
320
540
1000
1190
1550
1920
2350
2850
3350
3200
3900
3800
50
75
90
110
160
260
370
440
790
1300
1700
2100
2650
2950
3000
3400
3300
4200
4000
4800
35
55
80
95
115
190
330
440
550
960
1550
1980
2450
2900
2700
3000
2900
3800
3600
4500
40
60
90
105
130
210
385
490
650
1150
1800
2280
2700
3000
2900
3700
3600
4300
1.3
2.9
4.3
6.2
17
28
35
40
60
95
125
155
260
430
590
760
1350
2100
2500
2450
2900
2900
3500
3300
4000
65
100
140
170
300
490
710
900
1300
2300
2700
2600
3400
3200
3900
2.1
4.7
7
10
21
30
40
45
75
130
180
230
370
620
760
1000
1380
2400
2400
2900
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 35.5
20
× 40
25
× 30
22
× 50
25
× 40
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 35.5
20
× 31
20
× 40
25
× 30
22
× 50
25
× 40
25
× 50
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
20
× 31
20
× 40
25
× 30
22
× 50
25
× 40
25
× 50
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
10
× 12.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 35.5
18
× 35.5
20
× 31
20
× 40
25
× 30
22
× 50
25
× 40
25
× 50
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
12.5
× 25
16
× 35.5
18
× 35.5
22
× 30
20
× 40
25
× 30
22
× 50
25
× 40
25
× 50
5
× 11
5
× 11
6.3
× 11
6.3
× 11
10
× 12.5
10
× 16
10
× 20
12.5
× 20
16
× 25
18
× 35.5
20
×40
25
× 30
22
× 50
25
× 40
25
× 50
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 20
12.5
× 25
12.5
× 25
16
× 25
18
× 40
22
× 50
25
× 40
25
× 50
160
200
250
315
350
400
450
2C
2D
2E
2F
2V
2G
2W
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 35.5
18
× 40
22
× 30
22
× 40
25
× 30
25
× 50
15
22
33
40
50
80
155
205
270
430
800
940
900
1410
1290
1900
15
22
33
40
55
95
170
230
270
530
810
1130
1090
1490
1550
15
22
33
46
55
105
190
230
300
520
740
820
1170
970
1600
22
33
55
65
115
190
275
340
560
850
770
1250
22
38
55
65
115
200
275
380
590
570
850
890
25
45
55
70
130
240
300
370
550
530
750
23
35
45
55
90
165
230
300
290
350
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 20
12.5
× 20
12.5
× 20
16
× 31.5
18
× 35.5
20
× 40
25
× 30
22
× 50
25
× 40
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
12.5
× 20
12.5
× 20
12.5
× 25
16
× 31.5
20
× 40
22
× 30
22
× 50
25
× 30
25
× 50
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 20
16
× 25
16
× 25
18
× 35.5
22
× 50
25
× 30
25
× 50
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 40
22
× 30
22
× 50
25
× 40
8
× 11.5
10
× 12.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
16
× 35.5
20
× 40
25
× 30
25
× 50
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
16
× 25
16
× 35.5
18
× 40
22
× 30
22
× 40
Case size
φ D × L (mm)
Rated
ripple
65
85
100
145
240
290
350
650
1100
1450
1800
2250
2700
3100
3700
3300
4500
4800
Cap.(
µF)
Code
V
Cap.(
µF)
Code
V
Rated
ripple
Rated Ripple (mArms) at 85˚C 120Hz
330 ~ 10000
0.90
1.00
1.10
1.13
1.15
Case size
φ D × L (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com