Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K3JB048W Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # FTR-K3JB048W
Description  POWER RELAY 20A type Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTR-K3JB048W Datasheet(HTML) 3 Page - fujitsu semiconductor

  FTR-K3JB048W Datasheet HTML 1Page - fujitsu semiconductor FTR-K3JB048W Datasheet HTML 2Page - fujitsu semiconductor FTR-K3JB048W Datasheet HTML 3Page - fujitsu semiconductor FTR-K3JB048W Datasheet HTML 4Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FTR-K3 SERIES
terminal
s DIMENSIONS
TAB terminal type
PCB mounting type
PCB mounting type
q Dimensions
qSchematics
TAB terminal type
PC board mounting hole layout
Unit: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com