Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB1C331MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPB1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPB1C331MPD Datasheet(HTML) 2 Page - Nichicon corporation

  UPB1C331MPD Datasheet HTML 1Page - Nichicon corporation UPB1C331MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
Cap.(µF)
V
1A
10
1C
16
1E
25
1V
35
1H
50
Code
Dimensions
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
12.5
× 20
12.5
× 25
70
100
150
180
350
550
810
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 25
85
130
195
270
430
710
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
55
95
195
255
325
500
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
50
60
100
200
280
350
570
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 16
10
× 20
12.5
× 20
Case size
φD×L(mm)
5
10
15
20
25
30
40
55
65
100
235
295
370
Rated
ripple
Rated Ripple (mArms) at 105°C 120Hz
PB
series
ALUMINUM ELECTROLYTIC CAPACITORS
Frequency coefficient of rated ripple current
V
0.47 ~ 100
0.75
0022 ~ 4700
1000 ~ 3300
010 ~ 820
50Hz
0.85
0.95
0.60
1.00
120Hz
1.00
1.00
1.00
1.20
300Hz
1.10
1.03
1.20
1.40
1kHz
1.20
1.05
1.60
1.55
1.65
10k ~ 50kHz 100kHz
1.25
1.30
1.10
1.15
1.80
2.00
10 ~ 50
160 ~ 450
Cap.(µF)
Frequency
12.5
× 20
12.5
× 20
12.5
× 25
16
× 25
18
× 25
18
× 31.5
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
300
600
300
600
350
700
500
1000
600
1200
750
1500
850
1700
950
1900
1050
2100
1150
2300
1400
2800
10
× 20
12.5
× 20
16
× 20
16
× 25
18
× 25
18
× 31.5
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
125
250
175
350
250
500
325
650
400
800
500
1000
575
1150
650
1300
750
1500
950
1900
1050
2100
10
× 20
12.5
× 25
16
× 25
18
× 25
18
× 31.5
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
125
250
200
400
300
600
375
750
450
900
500
1000
550
1100
600
1200
800
1600
900
1800
12.5
× 20
16
× 25
18
× 25
18
× 31.5
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
Case Size
φ D × L(mm)
150
300
275
550
350
700
425
850
475
950
500
1000
550
1100
700
1400
800
1600
Rated
ripple
2C
160
2D
200
2E
250
2V
350
2G
400
2W
450
V
Code
: Rated ripple (mArms) at 105°C
120Hz
: Rated ripple (mArms) at 105°C 100kHz
: In this case, 6 will be put at 12th digit of type
numbering system.
250
500
250
500
300
600
375
750
550
1100
650
1300
850
1700
950
1900
1050
2100
1150
2300
1350
2700
1500
3000
100
220
330
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
10
22
33
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
10
× 20
10
× 20
12.5
× 20
12.5
× 25
16
× 25
18
× 25
18
× 31.5
18
× 35.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
10
× 20
12.5
× 20
12.5
× 20
12.5
× 25
16
× 25
18
× 25
18
× 31.5
18
× 31.5
18
× 40
22
× 40
22
× 50
25
× 40
25
× 50
250
500
300
600
300
600
375
750
550
1100
650
1300
850
1700
950
1900
1050
2100
1150
2300
1350
2700
1500
3000
Cap.(µF)
Wider range of rating.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com