Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDQ2D331MERY Datasheet(PDF) 1 Page - Nichicon corporation

Part # LDQ2D331MERY
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LDQ2D331MERY Datasheet(HTML) 1 Page - Nichicon corporation

  LDQ2D331MERY Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
Minimum order quantity : 50pcs.
Item
Performance Characteristics
DM
ALUMINUM ELECTROLYTIC CAPACITORS
DQ
series
Horizontal Mounting Type, Wide Temperature Range
Horizontal mounting version for φ20 ,φ22 and φ25.
Suited for use in flat electronic devices where height space is limited.
Adapted to the RoHS directive (2002/95/EC).
DQ
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
– 40 ~ +105°C (200V) , – 25~+105°C (400V)
200 • 400V
68 ~ 1200µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Capacitance change
tan
δ
Leakage current
Within ±20% of initial value
200% or less of initial specified value
Initial specified value or less
Capacitance change
tan
δ
Leakage current
Within ±15% of initial value
150% or less of initial specified value
Initial specified value or less
After an application of DC voltage(in the range of rated DC
voltage even after over-lapping the specified ripple current)
for 2000 hours at 105°C, capacitors meet the characteristic
requirements listed at right.
Printed with white color letter on black sleeve.
Frequency coefficient of rated ripple current
Other rating also available on request.
Rated Ripple (Arms) at 105°C, 120Hz
2.0
L±2
±1
0.6
3.5±1
P
D
2
L
1
Q
3
2
4
D
5
4
6
7
7
1
8
M
9
E
10
R
11
Z
12
G
13
A
14
φD
20
22
Y
Z
25
A
φ20 : P=7.5
φ22, φ25 : P=8.5
Sleeve (P.E.T.)
Pressure relief vent
Case dia.code
Configuration
HA :
Right side from the front
GA :
Left side from the front
Lead wire configurationt
Capacitance tolerance (
±20%)
Rated Capacitance (470
µF)
Rated voltage(200V)
Series name
Type
Code
(
)
8.0±2
Drawing
Type numbering system (Example : 200V 470µF)
After storing the capacitors under no load at 105°C for 1000
hours, and after performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the requirements listed at right.
Coeff.
Frequency (Hz)
Dimensions
200V
400V
50
0.81
0.77
60
0.85
0.82
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k~
1.50
1.43
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
20
× 30
20
× 35
20
× 40
20
× 45
20
× 50
1.10
1.20
1.31
1.45
1.58
22
× 35
22
× 40
22
× 45
22
× 60
1.45
1.60
1.78
2.04
25
× 35
25
× 40
25
× 45
25
× 50
25
× 60
1.60
1.78
2.04
2.30
2.65
20
× 30
20
× 30
20
× 35
20
× 40
20
× 45
20
× 50
0.56
0.64
0.70
0.75
0.83
0.95
22
× 35
22
× 40
22
× 45
22
× 50
22
× 60
0.75
0.88
0.95
1.10
1.22
25
× 35
25
× 40
25
× 45
25
× 50
Case size
φ D × L (mm)
0.95
1.10
1.22
1.44
Rated
ripple
200V (2D)
20
22
25
20
22
25
400V (2G)
V(Code)
φD
Code
Cap.(µF)
Rated voltage (V)
tan
δ (MAX.)
200
0.15
400
0.15
Measurement frequency : 120Hz, Temperature : 20°C
200
3
12
400
8
—
Measurement frequency : 120Hz
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage (V)
Impedance ratio
ZT/Z20(MAX.)
High
Te mperature
3 CV


Similar Part No. - LDQ2D331MERY

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDQ-A512RI LUMEX-LDQ-A512RI Datasheet
81Kb / 1P
565nm GREEN CHIPS, GRAY FACE, WHITE SEGMENTS
LDQ-A513RI LUMEX-LDQ-A513RI Datasheet
63Kb / 1P
585nm YELLOW CHIPS, GRAY FACE, WHITE SEGMENTS
LDQ-A516RI LUMEX-LDQ-A516RI Datasheet
82Kb / 1P
660nm SUPER RED CHIPS, GRAY FACE, WHITE SEGMENTS
LDQ-C512RI LUMEX-LDQ-C512RI Datasheet
86Kb / 1P
565nm GREEN CHIPS, GRAY FACE, WHITE SEGMENTS
LDQ-C514RI LUMEX-LDQ-C514RI Datasheet
81Kb / 1P
635nm RED CHIPS, GRAY FACE, WHITE SEGMENTS
More results

Similar Description - LDQ2D331MERY

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com