Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCG1A331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCG1A331MCL1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCG1A331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  PCG1A331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCG1A331MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
φ10 × 10L
φ10 × 8L
series
CG
CONDUCTIVE POLYMER
ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Rated Voltage
(V)
Code
Rated Capacitance
(
µF)
Surge Voltage
(V)
Leakage Current
(
µA)
Case Size
φD × L
(mm)
2.5
(0E)
2.8
16
(1C)
10
(1A)
6.3
(0J)
4
(0G)
18.4
11.5
7.2
4.6
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
5
× 6
6.3
× 6
6.3
× 6
8
× 7
10
× 8
10
× 10
10
× 12.7
5
× 6
6.3
× 6
8
× 7
10
× 8
10
× 10
10
× 12.7
5
× 6
6.3
× 6
6.3
× 6
8
× 7
10
× 8
10
× 10
10
× 12.7
5
× 6
6.3
× 6
8
× 7
10
× 8
10
× 10
10
× 12.7
5
× 6
6.3
× 6
8
× 7
10
× 8
10
× 10
10
× 12.7
P
1
C
2
G
3
0
4
J
5
4
6
7
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Capacitance tolerance (
±20%)
Rated Capacitance (470
µF)
Rated voltage (6.3V)
Series name
Configuration
Taping code
Type
Dimensions
Type numbering system (Example : 6.3V 470
µF)
Standard ratings
ESR
(m
Ω)
(20˚C / 100kHz)
Rated ripple
(mArms)
(105˚C / 100kHz)
φD
L
A
B
6.3
φ6.3 × 6L
φ8 × 7L
5.9
7.3
6.6
8.0
6.9
9.0
8.3
Size
10.0
7.9
11.0
10.3
10.0
9.9
11.0
10.3
C
E
H
6.6
2.1
0.5 ~ 0.8
5.0
φ5 × 6L
5.9
6.0
5.3
5.3
1.2
0.5 ~ 0.8
8.3
3.2
0.8 ~ 1.1
10.3
4.6
0.8 ~ 1.1
10.3
4.6
0.8 ~ 1.1
φ10 × 12.7L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 ~ 1.1
(mm)
tan
δ
Code
H
0.3 MAX.
C
±0.2
L
Series
Voltage ( j:6.3V )
Plastic platform
Lot No.
Capacitance
Negative
Positive
+0.1
-0.4
Printed in Japan T.2007.B.3C
Design, Specifications are subject to change without notice.
V
Code
2.5
e
4
g
Voltage
6.3
j
10
A
16
C
PCG0E221MCL1GS
PCG0E471MCL1GS
PCG0E561MCL1GS
PCG0E821MCL1GS
PCG0E152MCL1GS
PCG0E272MCL1GS
PCG0E332MCL1GS
PCG0G181MCL1GS
PCG0G391MCL1GS
PCG0G681MCL1GS
PCG0G122MCL1GS
PCG0G222MCL1GS
PCG0G272MCL1GS
PCG0J151MCL1GS
PCG0J271MCL1GS
PCG0J331MCL1GS
PCG0J471MCL1GS
PCG0J102MCL1GS
PCG0J182MCL1GS
PCG0J222MCL1GS
PCG1A820MCL1GS
PCG1A151MCL1GS
PCG1A331MCL1GS
PCG1A561MCL1GS
PCG1A821MCL1GS
PCG1A102MCL1GS
PCG1C470MCL1GS
PCG1C820MCL1GS
PCG1C151MCL1GS
PCG1C271MCL1GS
PCG1C471MCL1GS
PCG1C681MCL1GS
220
470
560
820
1500
2700
3300
180
390
680
1200
2200
2700
150
270
330
470
1000
1800
2200
82
150
330
560
820
1000
47
82
150
270
470
680
110
235
280
410
750
1350
1650
144
312
544
960
1760
2160
189
340
416
592
1260
2268
2772
164
300
660
1120
1640
2000
150
262
480
864
1504
2176
30
20
20
20
17
12
10
32
22
21
17
13
11
33
23
23
22
18
14
12
35
25
23
20
15
13
40
30
28
25
20
18
2100
2900
3000
3300
4100
4700
5500
1900
2700
3200
4000
4600
5300
1800
2600
2700
3100
3800
4400
5000
1700
2500
3100
3600
4300
4800
1500
2300
2800
3300
3700
4100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com