Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBW1C331MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UBW1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBW1C331MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UBW1C331MPD Datasheet HTML 1Page - Nichicon corporation UBW1C331MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
Pressure
relief vent
L+2MAX.
15MIN
4MIN
Sleeve (polyolefin)
fd
fD
P
8
0.8
3.5
10
0.8
5.0
12.5
1.0
5.0
16
1.0
7.5
fd
0.8
0.6
0.6
0.8
U
1
B
2
W
3
1
4
A
5
2
6
2
7
1
8
M
9
P
10
D
11
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (220mF)
Rated voltage (10V)
Series name
Type
In case L > 25 for the f12.5 dia. unit, lead dia. f d = 0.8mm.
f D
8á 10
Pb-free leadwire
Pb-free Polyolefin sleeve
PD
12.5 á 16
HD
Configuration
(mm)
BW
series
High Temperature Range, For +135°C Use
Highly dependable reliability withstanding load life of 1000 to 3000
hours at +135°C.
Suited for automobile electronics where heavy duty services are
indispensable.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +135°C
10 ~ 100V
1 ~ 4700µF
± 20% at 120Hz, 20°C
Printed with white color letter on blue sleeve.
After storing the capacitors under no load at 135˚C for 1000 hours, and after performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Type numbering system (Example : 10V 220µF)
10
3
4
16
2
4
25
2
4
35
2
4
50
2
4
63
2
4
80
2
4
100
2
4
Capacitance change
Leakage current
After an application of D.C. bias voltage plus the rated
ripple current for 3000 hours ( 1000 hours for
φD = 8,
2000 hours for
φD = 10 ) at 135°C the peak voltage
shall not exceed the rated D.C. voltage, capacitors
meet the characteristics requirements listed at right.
Dissipation Factor
Within ± 30% of initial value
Initial specified value or less
300% or less of initial specified value
120Hz
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
120Hz, 20°C
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Rated voltage (V)
tan
δ (MAX.)
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.10
80
0.08
100
0.08
Impedance ratio
ZT / Z20 (MAX.)
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
BW
BX
High
Te m p e rature
High
Te m p e rature
BT
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UBW1C331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBW1C331MPD NICHICON-UBW1C331MPD Datasheet
61Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UBW1C331MPD NICHICON-UBW1C331MPD Datasheet
653Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UBW1C331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com