Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C8328A-RDI Datasheet(PDF) 7 Page - MUSIC Semiconductors

Part # MU9C8328A-RDI
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDI Datasheet(HTML) 7 Page - MUSIC Semiconductors

Back Button MU9C8328A-RDI Datasheet HTML 3Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 4Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 11Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
7
CONTROL REGISTER (0000)
FUNCTIONAL DESCRIPTION
Continued
Bit
Mnemonic
Description
15
DONE
1: Enables an interrupt when both the DA and SA CAM lookups are complete.
14
P/R
1: Passes all frames, 0: Rejects all frames. NETEN must be set to 0 for this option.
13
NETEN
1: Enables network filtering, 0: Disables network filtering.
12
ERR
1: Enables an interrupt for a frame error caused by loss of carrier or collision.
11
FULL
1: Enables an interrupt if the LANCAM is full.
10
NODA
1: Enables an interrupt for a no-match on DA.
9
NOSA
1: Enables an interrupt for a no-match on SA.
8
DA
1: Enables an interrupt for a DA match.
7
SA
1: Enables an interrupt for an SA match.
6
REJECT
1: Enables an interrupt for a reject.
5
DAPON
1: Rejects frame if there is no DA match (positive filtering).
0: Rejects frame if there is a DA match (negative filtering).
This bit is a “Don’t Care” if DAEN is 0.
4
SAPON
1: Rejects frame if there is no SA match (positive filtering).
0: Rejects frame if there is an SA match (negative filtering).
This bit is a “Don’t Care” if SAEN is 0.
3
DAEN
1: Enables asserting the /REJECT pin after a DA compares, based on bit 5.
2
SAEN
1: Enables asserting the /REJECT pin after an SA compares, based on bit 4.
1
LEARN
1: Enables auto-learning on no-match of SA.
0
ASSOC
1: Enables a read of Associated data after a DA match.
Table 2: Register Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com