| Electronic Components Datasheet Search |
|
ST100 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST100 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() 1/3 ST100 September 2004 1 FEATURES ■ State-of-the-art DSP core architecture – Complete & optimized memory systems – Multicore solutions – Standard or specific tightly coupled peripher- als libraries ■ Advanced Load/store Architecture – Regular and efficient. – Optimized for programming in ‘C/C++/EC++’ languages. ■ Two Instruction Sets – GP16, a 16-bit instruction set. – GP32, a 32-bit instruction set. ■ Three Instruction Modes – GP16: 2-way superscalar, for compact micro- controller codes. – GP32: 2-way superscalar, for high perfor- mance microcontroller codes. – SLIW: one SLIW per cycle, where a SLIW (Scoreboarded Long Instruction Word), is a bundle of four – GP32 instruction words. This mode is for high performance vector codes (DSP loops). ■ Predicated Execution For Most Instructions – Removes needs of conditional branches. – Compact coding and increased instruction level parallelism. ■ Flexible Data Format – The ST100 supports the following data types: – 16-bit, 32-bit and 40-bit unsigned/signed integer. – 16-bit, 32-bit, and 40-bit signed fractional. – Signed and unsigned byte and Bit. – Supports little Endian for data and program. ■ Circular And Bit-reversed DSP Addressing Modes – Facilitates the implementation of the DSP al- gorithms like the FIR filters and the FFT. ■ Arithmetic Capability – 40-bit and 32-bit arithmetic. – Packed Arithmetic 2 x 16-bit (SIMD). – Saturating (Clamping) and/or Rounding op- tions ■ Application Oriented Instructions – Useful instructions for ETSI (European Tele- communications Standards Institute) primi- tives in GP32 and GP16: – VITERBI... ■ General usage instructions: ■ Hardware Loop Controllers – Zero cycles overhead for continuous data processing. – Three nestable loops. ■ Memory Space – 32-bit addressing range, 4 Gbytes of memory space. ■ Interrupt, Trap And Context Switching – Fast response to external events or system errors. ■ Protection System – User mode and Supervisor mode. ■ Power Saving – Four "IDLE" modes performing power saving operations. 2 DESCRIPTION STMicroelectronics' innovative ST100® DSP pro- cessor core architecture has been conceived spe- cifically for embedded applications in custom system-on-chip products for demanding markets like cellular phones, hard disk drives, engine man- agement units, telecommunication systems and advanced multimedia products. A completely new design, the ST100® architecture combines in a single core the advantages of a 16-bit instruction word for code compactness, a 32-bit instruction word for MCU performance and a 128-bit SLIW in- struction word for high DSP performance. The ST100® core is also scaleable, so it can be imple- mented in many ways, ranging from low power de- vices for portable products to very high performance devices with a maximum of parallel- ism. Building on ST's experience in embedded cores, the ST100® architecture is based on an analysis of the real needs of system designers and software engineers in some of the fastest-moving segments of the industry, where high perfor- mance, low power consumption and fast time to market are all essential. DATA BRIEF ST100 DSP CORES Rev. 1 |
Similar Part No. - ST100 |
|
Similar Description - ST100 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |