Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93C46-RMB6TG/S Datasheet(PDF) 17 Page - STMicroelectronics

Part # M93C46-RMB6TG/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-RMB6TG/S Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M93C46-RMB6TG/S Datasheet HTML 13Page - STMicroelectronics M93C46-RMB6TG/S Datasheet HTML 14Page - STMicroelectronics M93C46-RMB6TG/S Datasheet HTML 15Page - STMicroelectronics M93C46-RMB6TG/S Datasheet HTML 16Page - STMicroelectronics M93C46-RMB6TG/S Datasheet HTML 17Page - STMicroelectronics M93C46-RMB6TG/S Datasheet HTML 18Page - STMicroelectronics M93C46-RMB6TG/S Datasheet HTML 19Page - STMicroelectronics M93C46-RMB6TG/S Datasheet HTML 20Page - STMicroelectronics M93C46-RMB6TG/S Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Instructions
17/38
5.6
Write All
As with the Erase All Memory (ERAL) instruction, the format of the Write All Memory with
same Data (WRAL) instruction requires that a dummy address be provided. As with the
Write Data to Memory (WRITE) instruction, the format of the Write All Memory with same
Data (WRAL) instruction requires that an 8-bit data byte, or 16-bit data word, be provided.
This value is written to all the addresses of the memory device. The completion of the cycle
can be detected by monitoring the READY/BUSY line, as described next.
Figure 6.
WRAL sequence
1.
For the meanings of Xn and Dn, please see Table 5., Table 6. and Table 7..
AI00880C
S
WRITE
ALL
DATA IN
D
Q
ADDR
OP
CODE
Dn
D0
BUSY
READY
CHECK
STATUS
1
0 0
0
1 Xn X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com