Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL646USB Datasheet(PDF) 19 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 19 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 15Page - GENESYS LOGIC GL646USB Datasheet HTML 16Page - GENESYS LOGIC GL646USB Datasheet HTML 17Page - GENESYS LOGIC GL646USB Datasheet HTML 18Page - GENESYS LOGIC GL646USB Datasheet HTML 19Page - GENESYS LOGIC GL646USB Datasheet HTML 20Page - GENESYS LOGIC GL646USB Datasheet HTML 21Page - GENESYS LOGIC GL646USB Datasheet HTML 22Page - GENESYS LOGIC GL646USB Datasheet HTML 23Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
GL646USB
(2). One table moving :
scan finished
buffer full position
Scanning position
speed
B
A
C
time
E
F
G
H
go home
E
: touch home sensor deceleration curve.
H
: table two (slope two) acceleration curve.
A,B,G
: table one (slope one) acceleration curve.
C,D,F
: table one (slope one) deceleration curve.
D
6.21. Stepping Motor Phase
Control
There is 6 output control pins to control stepping motor.mtr_ph0~5 for bi-polar and mtr_ph0~3 for Uni-polar.
A. bi-polar :
a. Support 2916 motor driver timing and 2916 compatible driver IC,such as L6219.
b. Include full, half and quarter step control.
B. uni-polar :
a. Support 2003 motor driver timing and 2003 compatible driver IC.
b. Include full step two phases on, full step single phase on and half step.
c. PWM control, include frequency and duty control.
PWM
Duty
Frequency
Phase on time
6.22. Watch-Dog Protection
This function can automatically reset the system to initial state, whenever the system is held (no access signal )
beyond
the time limit.Be able to enable or disable this function by S/W.
This function can protect motor power, lamp power and ASIC system.
Calculation formula : (line period) x (16k) x (setting no.).
The range of setting no. is 1~15.
6.23. Lamp Timeout Control
This circuitry can automatically reset the lamp power, whenever the system is setting. Be able to enable or disable
this function by S/W.
Calculation formula: (line period) x (64k) x (setting no.).
Rev. 1.4
-18-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com