Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4522EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4522EEE
Description  Quad, Low-Voltage, SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4522EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4522EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Quad, Low-Voltage, SPST Analog Switches
_______________________________________________________________________________________
7
100
0.001
10
1k
100
100k
10k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.01
FREQUENCY (Hz)
0.1
1
10
V+ = +5V
V- = -5V
600
Ω IN AND OUT
0
-10
-90
0.01
0.1
1
10
100 300
FREQUENCY RESPONSE
-80
-70
FREQUENCY (MHz)
-50
-60
-40
-20
-30
5
0
-40
-35
-30
-20
-25
-15
-5
-10
INSERTION LOSS
50
Ω IN/OUT
OFF-ISOLATION
ON-PHASE
Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, GND = 0, TA = +25°C, unless otherwise noted.)
Pin Description
*NO_ (or NC_) and COM_ pins are identical and interchangeable. Either may be considered as an input or output; signals pass
equally well in either direction.
PIN
MAX4521
MAX4522
MAX4523
TSSOP/SO
QFN
TSSOP/SO
QFN
TSSOP/SO
QFN
NAME
FUNCTION
1, 16, 9, 8
15, 14, 7, 6
1, 16, 9, 8
15, 14, 7, 6
1, 16, 9, 8
15, 14, 7, 6
IN1–1N4
Logic-Control Digital Input
2, 15, 10, 7
16, 13, 8, 5
2, 15, 10, 7
16, 13, 8, 5
2, 15, 10, 7
16, 13, 8, 5 COM1–COM4 Analog Switch Common* Terminals
3, 14, 11, 6
1, 12, 9, 4
————
NC1–NC4
Analog Switch Normally Closed
Terminals
——
3, 14, 11, 6
1, 12, 9, 4
——
NO1–NO4
Analog Switch Normally Open
Terminals
—
—
—
—
3, 6
1, 4
NO1, NO4
Analog Switch Normally Open
Terminals
—
—
—
—
14, 11
12, 9
NC2, NC3
Analog Switch Normally Closed
Terminals
424242
V-
Negative Analog Supply-Voltage
Input. Connect to GND for single
supply operation.
535353
GND
Ground. Connect to digital ground.
(Analog signals have no ground
reference; they are limited to V+
and V-.)
12
10
12
10
12
10
N.C.
No Connection. Not internally
connected.
13
11
13
11
13
11
V+
Positive Analog and Digital Supply-
Voltage Input. Internally connected
to substrate.
—
EP
—
EP
—
EP
EP
Exposed Pad. Connect EP to V+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com