| Electronic Components Datasheet Search |
|
M93C66-RBN6G/W Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C66-RBN6G/W Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 38 page ![]() July 2007 Rev 7 1/38 1 M93C86, M93C76, M93C66 M93C56, M93C46 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM Features ● Industry standard MICROWIRE bus ● Single supply voltage: – 4.5 V to 5.5 V for M93Cx6 – 2.5 V to 5.5 V for M93Cx6-W – 1.8 V to 5.5 V for M93Cx6-R ● Dual organization: by word (x16) or byte (x8) ● Programming instructions that work on: byte, word or entire memory ● Self-timed programming cycle with auto- erase: 5 ms ● READY/BUSY signal during programming ● 2 MHz clock rate ● Sequential read operation ● Enhanced ESD/latch-up behavior ● More than 1 million write cycles ● More than 40 year data retention ● Packages – ECOPACK® (RoHS compliant) Table 1. Product list Reference Part number Reference Part number M93C86 M93C86 M93C56 M93C56 M93C86-W M93C56-W M93C86-R M93C56-R M93C66 M93C66 M93C46 M93C46 M93C66-W M93C46-W M93C66-R M93C46-R M93C76 M93C76 M93C76-W PDIP8 (BN) SO8 (MN) 150 mil width TSSOP8 (DW) 169 mil width UFDFPN8 (MB) 2 x 3 mm (MLP) www.st.com |
Similar Part No. - M93C66-RBN6G/W |
|
Similar Description - M93C66-RBN6G/W |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |