Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC615AEVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC615AEVB
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615AEVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC615AEVB Datasheet HTML 1Page - Semtech Corporation SC615AEVB Datasheet HTML 2Page - Semtech Corporation SC615AEVB Datasheet HTML 3Page - Semtech Corporation SC615AEVB Datasheet HTML 4Page - Semtech Corporation SC615AEVB Datasheet HTML 5Page - Semtech Corporation SC615AEVB Datasheet HTML 6Page - Semtech Corporation SC615AEVB Datasheet HTML 7Page - Semtech Corporation SC615AEVB Datasheet HTML 8Page - Semtech Corporation SC615AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.semtech.com
1
POWER MANAGEMENT
SC615A
Charge Pump
Flash LED Driver
September 22, 2005
Typical Application Circuit
Applications
Features
Two Selectable Modes - Flash and Spotlight
Up to 700mA Output - Flash Mode
Up to 280mA Output - Spotlight Mode
500mA Over Temperature Range and Voltage
Range - Flash Mode
Spotlight mode set to 40% of Flash Current
3.0V to 5.25V Input Range
External Flash Control Pin for Synchronization to a
Camera Module or Graphics Controller
Short Circuit, Over-Voltage, and Over-Temperature
Protection
Soft-Start Functionality
Two Control Inputs for Maximum Versatility
Shutdown Current < 2
µA
Micro Lead Package MLPD-10, 3mm x 3mm
Mobile Camera Phones
Digital Cameras
PDAs with Built-in Cameras
The SC615A is a high-current charge pump designed spe-
cifically for use with white LEDs used in camera flash
applications. Only two small bucket capacitors are re-
quired to develop the output drive, providing a low EMI
solution compared to inductive boost regulators.
The SC615A has two modes of operation: Flash mode
and Spotlight mode. In Flash mode, the SC615A is ca-
pable of delivering 500mA of regulated current for a du-
ration of 500ms or up to 700mA for a reduced duration.
In Spotlight mode the SC615A outputs 40% of the Flash
mode current and can remain enabled continuously.
An external resistor is connected in series with the LED
to set the current. In Flash mode, this resistor can
dissipate up to 175mW, reducing the power dissipation
requirement of the SC615A. The flash input (FLASH)
overrides the control input (CTRL) to make sure the flash
function is activated when called for.
The thermally efficient MLPD-10 package and ceramic
bypass and bucket capacitors make the SC615A a high
output current driver that requires minimal PCB area.
Description
3.0V to 5.25V
SC615A
VIN
1
C2-
2
C2+
10
C1-
4
C1+
8
VOUT
9
FLASH
5
CTRL
7
GND
3
ISET
6
1
µF
1
µF
FLASH
CTRL
1
µF
white LED
0.5
Ω
10
µF
C1
C2


Similar Part No. - SC615AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC615AEVB SEMTECH-SC615AEVB Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
More results

Similar Description - SC615AEVB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
logo
Semtech Corporation
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
Charge Pump Flash LED Driver
SC605 SEMTECH-SC605 Datasheet
361Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
SC619 SEMTECH-SC619 Datasheet
205Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com