Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS285CS Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS285CS
Description  ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285CS Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS285CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS285CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS285CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS285CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS285CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS285CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS285CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS285CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS285/AMS385
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-2
2
4
8
10
0.1
1
10
100
Reverse Characteristics
0
6
T
A =25° C
0.1
100
100
1k
10k
100k
Dynamic Output Impedance
1
10
0.01
0
0.4
1.2
0.1
1
10
0.8
0.01
REVERSE CURRENT (mA)
FREQUENCY (Hz)
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
100
10
1.4
REVERSE VOLTAGE (V)
1
Reverse Characteristics
Forward Characteristics
1
23
4
5
0
70
30
Minimum Operating Current
OUTPUT VOLTAGE (V)
10
80
60
-55
5
25456585 105
1.260
1.240
125
Temperature Drift of 3
Representative Units
0
10
0
4
6
0
50
100
200
TIME (
µs)
Response Time
3
5
Output Noise Voltage
TEMPERATURE (° C)
1.250
1.230
1.220
-35 -15
I
R= 100µA
T
A =-55° C
T
A =125° C
T
A =125° C
T
A =-55° C
T
A =25° C
T
A =-55° C
T
A =25° C
T
A =125° C
TYP @ 25° C
AMS385
WORST
CASE
OUTPUT
OUTPUT
INPUT
10
364k
120k
AMS385
50k
INPUT
10
10,000
100
1k
10k
100k
100
1,000
FREQUENCY (Hz)
10
20
10
Feedback Current
5
25
15
V
OUT= VREF
I
R= 100µA
0
0
25
50
75
100 125
TEMPERATURE (° C)
-50
-25
V
OUT= 5.3V
20
50
40
V
OUT= VREF
V
OUT= 5.3V
I
R= 100µA
I
R= 100µA
∆I
R= 0.1IR
T
A =25° C
V
OUT= VREF
V
OUT= 5.3V
150
2
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com