Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR12CS Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # BCR12CS
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR12CS Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  BCR12CS Datasheet HTML 1Page - Powerex Power Semiconductors BCR12CS Datasheet HTML 2Page - Powerex Power Semiconductors BCR12CS Datasheet HTML 3Page - Powerex Power Semiconductors BCR12CS Datasheet HTML 4Page - Powerex Power Semiconductors BCR12CS Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
COMMUTATION CHARACTERISTICS
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE
RATE OF RISE OF OFF-STATE VOLTAGE (V/µs)
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (µs)
101
103
7
5
3
2
100
23
5 7 101
102
7
5
3
2
23
5 7 102
4
4
44
IRGT III
IRGT I
IFGT I
TYPICAL EXAMPLE
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
# 2
# 1
TYPICAL EXAMPLE
Tj = 125°C
I QUADRANT
III QUADRANT
101
23
100
57 101 23 5 7 102 23 5 7 103
3
2
102
7
5
3
2
7
5
7
5
3
2
100
TYPICAL
EXAMPLE
Tj = 125°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
I QUADRANT
III QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE
VOLTAGE WAVEFORM
CURRENT WAVEFORM
VD
t
(dv/dt)C
IT
τ
t
(di/dt)C
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR12CS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
6
Ω
6
Ω
6
Ω
6V
6V
6V
RG
RG
RG
A
V
A
V
A
V
TEST PROCEDURE 1
TEST PROCEDURE 3
TEST PROCEDURE 2
GATE TRIGGER CHARACTERISTICS TEST CIRCUITS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com