Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103C Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SD103C
Description  Si-Schottky-Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SD103C Datasheet(HTML) 2 Page - Diotec Semiconductor

  SD103C Datasheet HTML 1Page - Diotec Semiconductor SD103C Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD103A ... SD103C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Leakage current
Sperrstrom
SD103C
SD103B
SD103A
VR = 10 V
VR = 20 V
VR = 30 V
IR
< 5 µA
Max. junction capacitance
Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
Ctot
typ. 50 pF
Reverse recovery time
Sperrverzug
IF = 200 mA through/über
IR = 200 mA to IR = 20 mA
trr
typ. 10 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 250 K/W 1)
1
Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlussdrähte in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
10
1
10
10
10
-1
-2
-3
[A]
I
F
0
V
F
0.4
1.0
0.6
[V]
T = 25°C
j
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com