Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

662-009-364-059 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 662-009-364-059
Description  662 Series,D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Receptacle | Dual Port | Right Angle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

662-009-364-059 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  662-009-364-059 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30.81 ±0.38
16.33
24.99 ±0.25
10°
2.77
1.385
5.8
19.6
NOTES:
MATERIAL:
HOUSING: THERMOPLASTIC POLYESTER, UL94V-0
BLACK IN COLOUR
SHELL:
STEEL, NICKEL PLATED
CONTACT: COPPER ALLOY, 15μ GOLD PLATING
OPERATING TEMPERATURE: -55 C ~ 85 C
CURRENT RATING:
3A PER CONTACT
CONTACT RESISTANCE:
25mΩ MAX.
INSULATOR RESISTANCE: 5000MΩ min.
DIELECTRIC
WITHSTANDING VOLTAGE: 1000V AC rms
TOLERANCE
UNLESS OTHERWISE
SPECIFIED
.XX
±0.13
.XXX
DRAWN:
CHECKED:
SW REFERENCE NO.:
PART NUMBER:
SCALE:
YOUR CONNECTION TO QUALITY & SERVICE
WITHOUT WRITTEN PERMISSION.
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
TORONTO, ONTARIO
EDAC INC
CANADA
DO NOT MAKE MANUAL REVISIONS TO MASTER.
THIS IS A C.A.D. GENERATED DRAWING
AUG. 01/2018
SHEET
OF
662 ASSEMBLY
(IN C.A.D. 1:1)
C.B
DATE:
DATE:
1
ISSUE
ISSUE NUMBER
ORIGINAL
1
THIS SERIES FULLY CONFORMS TO
THE EUROPEAN UNION DIRECTIVES
2011/65/EU FOR RoHS COMPLIANCY.
COMPLIANT
662 SERIES D-SUB CONNECTOR
.X
±0.25
1
1
DRAWING NUMBER:
±0.10
662-009-364-059
662-009-364-059


Similar Part No. - 662-009-364-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
662-009-364-059 EDAC-662-009-364-059 Datasheet
529Kb / 3P
662 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Receptacle | Dual Port | Right Angle
More results

Similar Description - 662-009-364-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
628M-SERIES EDAC-628M-SERIES Datasheet
340Kb / 3P
628M Series D-Sub Connectors | Machined Pins | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Vertical | Receptacle
661-SERIES EDAC-661-SERIES Datasheet
529Kb / 3P
661 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Plug over Plug | Dual Port | Right Angle
662-SERIES EDAC-662-SERIES Datasheet
529Kb / 3P
662 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Receptacle | Dual Port | Right Angle
663-SERIES EDAC-663-SERIES Datasheet
529Kb / 3P
663 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Plug over Receptacle | Dual Port | Right Angle
664-SERIES EDAC-664-SERIES Datasheet
529Kb / 3P
664 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Plug | Dual Port | Right Angle
630-W09-340-012 EDAC-630-W09-340-012 Datasheet
94Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
630-W09-640-015 EDAC-630-W09-640-015 Datasheet
95Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
630-W15-240-012 EDAC-630-W15-240-012 Datasheet
98Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
630-W25-240-012 EDAC-630-W25-240-012 Datasheet
105Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
630-W25-640-012 EDAC-630-W25-640-012 Datasheet
106Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com