| Electronic Components Datasheet Search |
|
PPC440SP-RNC667C Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SP-RNC667C Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation |
|
13 / 85 page ![]() PowerPC 440SP Embedded Processor Revision 1.23 - Sept 26, 2006 AMCC Proprietary 13 Data Sheet of the Memory Controller unit. The RAID 5 and RAID 6 parity computations performed in the Memory Queue are assisted by the two-channel DMA engine of the I2O/DMA controller unit, designated as DMA0 and DMA1. The RAID acceleration hardware also provides various alternatives for balancing load and performance, depending on customer-specific application firmware. The two-way crossbar bus architecture can perform data read and write operations simultaneously, resulting in extremely high throughput. RAID 6 capability is available only with the RAID-enabled part numbers (PPC440SP-RpCfffC) as indicated in the ordering information section of this data sheet. For more information about the RAID 6 implementation, description, and configuration of the acceleration hardware, refer to the following AMCC documents: • PowerPC 440SP/440SPe RAID Support Application Note • PowerPC 440SP RAID Addendum to the User’s Manual XOR/DMA2 Controller The XOR/DMA2 controller performs the XOR functions needed to support RAID 5 applications including parity generation and check functions used across data stripes in a RAID 5 system. Features include: • Computes a bit-wise XOR on up to 16 data streams with result stored in designated target • Performs XOR check on up to 16 data streams • Driven by a linked list Command Block structure specifying control information, source operands, target operand, status information, and link • Source and target streams may reside anywhere in PLB address space. • Provides completion status per Command Block to be handled by software at a later time • 96-byte and 160-byte Command Block formats are supported • No memory alignment restrictions on operands or target • Internal register arrays and data buffers are parity protected • Can be used as a DMA controller (DMA2) with single source and target addresses Serial Port The serial port is compatible with the NS‚ 16570 UART interface. Features include: • One 8-pin, one 4-pin, and one 2-pin interfaces are provided • Selectable internal or external serial clock to allow wide range of baud rates • Register compatibility with 16750 register set • Complete status reporting capability • Fully programmable serial-interface characteristics IIC Bus Interface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |