Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPE405L Datasheet(PDF) 7 Page - Applied Micro Circuits Corporation

Part # NPE405L
Description  PowerNP
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

NPE405L Datasheet(HTML) 7 Page - Applied Micro Circuits Corporation

Back Button NPE405L Datasheet HTML 3Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 4Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 5Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 6Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 7Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 8Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 9Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 10Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 11Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Preliminary
PowerNP NPe405L Embedded Processor Data Sheet
5
NPe405L Embedded Controller Functional Block Diagram
The NPe405L is designed using the IBM Microelectronics Blue Logic
 methodology in which major functional
blocks are integrated to create an application-specific ASIC product. This approach provides a consistent way
to generate complex ASICs using IBM CoreConnect
 Bus Architecture.
Address Map Support
The NPe405L incorporates two separate address maps. The first is a fixed processor address map that
serves the PowerPC family of processors. This address map defines the possible contents of various address
regions which the processor can access. The second address map is for Device Configuration Registers
(DCRs). The DCRs are accessed by software running on the NPe405L processor through the use of mtdcr
and mfdcr commands.
PPC405
Processor Core
DCU
ICU
DCR Bus
16KB
On-chip Peripheral Bus (OPB)
GPIO
IIC
UART
DMA
Bridge
Processor Local Bus (PLB)
SDRAM
External
Bus
Controller
Controller
Clock
Control
Reset
Power
Mgmt
JTAG
Trace
Timers
MMU
Controller
OPB
Interrupt
Controller
Arb
28-bit addr
13-bit addr
32-bit data
Universal
I-Cache
8KB
D-Cache
(4-Channel)
DCRs
See
Peripheral
Interface
Clock Timing table
MAL0
Ethernet
HDLCEX
x2
x2
x2
ZMII
MAL1
16-bit data
Two
32-channel
ports
MII,
SMII
RMII,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com