Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS165ADE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LS165ADE4
Description  PARALLEL-LOAD-8-BIT SHIFT REGISTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS165ADE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LS165ADE4 Datasheet HTML 1Page - Texas Instruments SN74LS165ADE4 Datasheet HTML 2Page - Texas Instruments SN74LS165ADE4 Datasheet HTML 3Page - Texas Instruments SN74LS165ADE4 Datasheet HTML 4Page - Texas Instruments SN74LS165ADE4 Datasheet HTML 5Page - Texas Instruments SN74LS165ADE4 Datasheet HTML 6Page - Texas Instruments SN74LS165ADE4 Datasheet HTML 7Page - Texas Instruments SN74LS165ADE4 Datasheet HTML 8Page - Texas Instruments SN74LS165ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54165, SN54LS165A, SN74165, SN74LS165A
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SDLS062D – OCTOBER 1976 – REVISED FEBRUARY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
EQUIVALENT OF EACH INPUT
VCC
Input
Req
SH/LD: Req = 3 kΩ NOM
Other Inputs: Req = 6 kΩ NOM
TYPICAL OF BOTH OUTPUTS
VCC
Output
’165
100
Ω NOM
EQUIVALENT OF PARALLEL
INPUTS AND SERIAL INPUT
VCC
Input
EQUIVALENT OF ALL
OTHER INPUTS
’LS165A
CLK, CLK INH: Req = 10 kΩ NOM
SH/LD: Req = 13 kΩ NOM
TYPICAL OF BOTH OUTPUTS
Output
VCC
120
Ω NOM
24 k
Ω NOM
Req
Input
The SN54165 and SN74165 devices
are obsolete and are no longer supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com