| Electronic Components Datasheet Search |
|
LF18ABP Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF18ABP Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 45 page ![]() Electrical characteristics LFxxAB - LFxxC 22/45 Table 20. Electrical characteristics for LF60AB (refer to the test circuits, TJ = 25°C, CI = 0.1 µF, CO = 2.2 μF unless otherwise specified.) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 50 mA, VI = 8 V 5.9466.06 V IO = 50 mA, VI = 8 V, Ta = -25 to 85°C 5.88 6.12 VI Operating input voltage IO = 500 mA 16 V IO Output current limit 1 A ΔVO Line regulation VI = 7 to 16 V, IO = 5 mA 6 30 mV ΔVO Load regulation VI = 7.3 V, IO = 5 to 500 mA 6 30 mV Id Quiescent current VI = 7 to 16V, IO = 0mA ON MODE 0.7 1.5 mA VI = 7.3 to 16V, IO=500mA 12 VI = 9 V OFF MODE 70 140 µA SVR Supply voltage rejection IO = 5 mA, VI = 8 ± 1 V f = 120 Hz 75 dB f = 1 KHz 70 f = 10 KHz 60 eN Output noise voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control input logic low Ta = -40 to 125°C 0.8 V VIH Control input logic high Ta = -40 to 125°C 2 V II Control input current VI = 9 V, VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω, IO = 0 to 500 mA 2 10 µF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |