Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD4435 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # PD4435
Description  4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD4435 Datasheet(HTML) 4 Page - OSRAM GmbH

  PD4435 Datasheet HTML 1Page - OSRAM GmbH PD4435 Datasheet HTML 2Page - OSRAM GmbH PD4435 Datasheet HTML 3Page - OSRAM GmbH PD4435 Datasheet HTML 4Page - OSRAM GmbH PD4435 Datasheet HTML 5Page - OSRAM GmbH PD4435 Datasheet HTML 6Page - OSRAM GmbH PD4435 Datasheet HTML 7Page - OSRAM GmbH PD4435 Datasheet HTML 8Page - OSRAM GmbH PD4435 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
 2001 OSRAM Opto Semiconductors Inc.• San Jose, CA
PD2535/6/7, PD3535/6/7, PD4435/6/7
www.infineon.com/opto • 408-456-4000
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
4
July 5, 2001-14
Switching Specifications (VCC=4.5 V)
Switching Specifications (VCC=4.5 V)
Notes:
1) Wait 1.0
µs between any Reads or Writes after writing a Control Word with a Clear (D7=1). Wait 1.0 µs
between any Reads or Writes after Clearing a Control Word with a Clear (D7=0). All other Reads and
Writes can be back to back.
2) All input voltages are (V
IL=0.8 V, VIH=2.0 V)
3) Data out voltages are measured with 100 pF on the data bus and the ability to source = –40
µA and
sink=1.6 mA The rise and fall times are 60 ns. VOL=0.4 V, VOH=2.4 V.
Write Cycle Timing
Parameter
Description
Specification Minimum
–40
°C25°C85°C
Units
TCLR
(1)
Clear RAM
1.0
1.0
1.0
µs
TCLRD
(1)
Clear RAM Disable
1.0
1.0
1.0
µs
TAS
Address Setup
10
10
10
ns
TCES
Chip Enable Setup
000ns
TRS
Read Enable Setup
10
10
10
ns
TDS
Data Setup
20
30
50
ns
TW
Write Pulse
60
70
90
ns
TAH
Address Hold
20
30
40
ns
TDH
Data Hold
20
30
40
ns
TCEH
Chip Enable Hold
000ns
TRH
Read Enable Hold
20
30
40
ns
TACC
Total Access Time = Setup Time + Write
Time + Hold Time
90
110
140
ns
Read Cycle Timing
Parameter
Description
Specification Minimum
–40
°C25°C85°C
Units
TAS
Address Setup
000ns
TCES
Chip Enable
000ns
TWS
Write Enable Setup
20
30
40
ns
TDD
Data Delay Time
100
150
175
ns
TR
Read Pulse
150
175
200
ns
TAH
Address Hold
000ns
TDH
Data Hold
000ns
TTRI
Time to Tristate (Max. time)
30
40
50
ns
TCEH
Chip Enable Hold
000ns
TWH
Write Enable Hold
30
40
50
ns
TACC
Total Access Time = Setup Time + Read
Time + Time to Tristate
200
245
290
ns
TWAIT
(1)
Wait Time between Reads
000ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com