Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF30CV Datasheet(PDF) 13 Page - STMicroelectronics

Part # LF30CV
Description  Very low drop voltage regulators with inhibit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF30CV Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LF30CV Datasheet HTML 9Page - STMicroelectronics LF30CV Datasheet HTML 10Page - STMicroelectronics LF30CV Datasheet HTML 11Page - STMicroelectronics LF30CV Datasheet HTML 12Page - STMicroelectronics LF30CV Datasheet HTML 13Page - STMicroelectronics LF30CV Datasheet HTML 14Page - STMicroelectronics LF30CV Datasheet HTML 15Page - STMicroelectronics LF30CV Datasheet HTML 16Page - STMicroelectronics LF30CV Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
LFxxAB - LFxxC
Electrical characteristics
13/45
Table 11.
Electrical characteristics for LF27C (refer to the test circuits, TJ = 25°C, CI = 0.1 µF,
CO = 2.2 μF unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 50 mA, VI = 4.7 V
2.646
2.7
2.754
V
IO = 50 mA, VI = 4.7 V, Ta = -25 to 85°C
2.592
2.808
VI
Operating input voltage
IO = 500 mA
16
V
IO
Output current limit
1
A
ΔVO
Line regulation
VI = 3.7 to 16 V, IO = 5 mA
2
13
mV
ΔVO
Load regulation
VI = 4 V, IO = 5 to 500 mA
2
13
mV
Id
Quiescent current
VI = 3.7 to 16V, IO = 0mA
ON MODE
0.5
1
mA
VI = 4 to 16V, IO = 500mA
12
VI = 6 V
OFF MODE
50
100
µA
SVR
Supply voltage rejection
IO = 5 mA, VI = 4.7 ± 1 V
f = 120 Hz
82
dB
f = 1 KHz
77
f = 10 KHz
65
eN
Output noise voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout voltage
IO = 200 mA
0.2
0.35
V
IO = 500 mA
0.4
0.7
VIL
Control input logic low
Ta = -40 to 125°C
0.8
V
VIH
Control input logic high
Ta = -40 to 125°C
2
V
II
Control input current
VI = 6 V, VC = 6 V
10
µA
CO
Output bypass
capacitance
ESR = 0.1 to 10
Ω, IO = 0 to 500 mA
2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com