Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCWHP Datasheet(PDF) 1 Page - France Joint

Part # TCWHP
Description  HIGH-PRESSURE SHAFT SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

TCWHP Datasheet(HTML) 1 Page - France Joint

  TCWHP Datasheet HTML 1Page - France Joint TCWHP Datasheet HTML 2Page - France Joint TCWHP Datasheet HTML 3Page - France Joint TCWHP Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
|
|
SEAL DESIGN
Tolerance for the outside diameter of the seal (ØD)
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
Coating with grooves
ØD1 ≤ 50.0
+0.10 / +0.20
+0.15 / +0.30
+0.20 / +0.40
50.0 < ØD1 ≤ 80.0
+0.13 / +0.23
+0.20 / +0.35
+0.25 / +0.45
80.0 < ØD1 ≤ 120.0
+0.15 / +0.25
+0.20 / +0.35
+0.25 / +0.45
120.0 < ØD1 ≤ 180.0
+0.18 / +0.28
+0.25 / +0.45
+0.30 / +0.55
180.0 < ØD1 ≤ 300.0
+0.20 / +0.30
+0.25 / +0.45
+0.30 / +0.55
300.0 < ØD1 ≤ 500.0
+0.23 / +0.35
+0.30 / +0.55
+0.35 / +0.65
500.0 < ØD1 ≤ 630.0
+0.23 / +0.35
+0.35 / +0.65
+0.40 / +0.75
Roundness tolerance
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
ØD1 ≤ 50.0
0.18
0.25
50.0 < ØD1 ≤ 80.0
0.25
0.35
80.0 < ØD1 ≤ 120.0
0.30
0.50
120.0 < ØD1 ≤ 180.0
0.40
0.65
180.0 < ØD1 ≤ 300.0
0.25% of the outside diameter
0.80
300.0 < ØD1 ≤ 500.0
0.25% of the outside diameter
1.00
500.0 < ØD1 ≤ 630.0
-
-
Tolerance for the inside diameter of the seal (Ød)
Free and without constraint, the inside diameter of the sealing lip is always smaller than the
diameter of the shaft. The pre-tightening or interference denotes the difference between
these two values. Depending on the shaft diameter, the diameter of the sealing lip is generally
considered to be less, between 0.8 and 3.5 mm.
Pumping leads
Clockwise
Anti-clockwise
Bi-directional
R
L
H0
Other types of pumping leads can be created according to your specifications. Please
contact our experts.
|
DESCRIPTION
The TCWHP profile is a high-pressure
shaft seal composed of a single metal
cage with rubber grooves on the
outside of the cage and a primary
sealing lip with an integrated spring
and an additional anti-pollution lip.
|
ADVANTAGES
Very good static sealing
Very good thermal expansion
compensation
Greater roughness is
allowed in the housing
Reduced risk of corrosion
Easy to assemble with very
limited bounce-back effect
Sealing for low and high viscosity fluids
Primary sealing lip designed for
higher pressures up to 1 MPa
Protection against undesirable
air contaminants
|
APPLICATIONS
All types of rotative applications
2-stroke engines
Hydrostatic commands
(motors and pumps)
|
MATERIALS
Rubber
FKM 75 - 80 - 85 - 90 Shore A
HNBR 75 - 80 - 85 - 90 Shore A
NBR 75 - 80 - 85 - 90 Shore A
Metal cage
Steel - AISI 1010
Spring
Steel - AISI 1070 - 1090
HIGH-PRESSURE
SHAFT SEALS
TCWHP
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
ROTARY SEALS | HIGH-PRESSURE SHAFT SEALS |
TCWHP


Similar Part No. - TCWHP

ManufacturerPart #DatasheetDescription
logo
France Joint
TCW FRANCEJOINT-TCW Datasheet
452Kb / 6P
STANDARD SHAFT SEALS
logo
Mini-Circuits
TCW1-133+ MINI-TCW1-133+ Datasheet
363Kb / 4P
RF Transformer
REV. A
TCW1-2700 MINI-TCW1-2700 Datasheet
725Kb / 9P
RF Transformer
TCW1-2700+ MINI-TCW1-2700+ Datasheet
725Kb / 9P
RF Transformer
TCW1-2700+ MINI-TCW1-2700+ Datasheet
591Kb / 1P
Baluns/Transformers
REV. OR
More results

Similar Description - TCWHP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
Honeywell Solid State E...
ML100PS1PG HONEYWELL-ML100PS1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
logo
Grayhill, Inc
62H4545-H0-040C GRAYHILL-62H4545-H0-040C Datasheet
343Kb / 2P
High Torque, Concentric Shaft
62HN22-H0-040C GRAYHILL-62HN22-H0-040C Datasheet
350Kb / 2P
High Torque, Non-Turn Concentric Shaft
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
TT Electronics.
PS100 TTELEC-PS100 Datasheet
524Kb / 3P
Metal shaft
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com