Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

628-037-321-059 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 628-037-321-059
Description  628 (Metal) Series,D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112" (2.84mm) Row Spacing | Vertical | Receptacle | Metal Body
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

628-037-321-059 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  628-037-321-059 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.77
1.385
54.80
63.500
69.30 ±0.35
10°
6.0 ±0.35
10.7
NOTES:
MATERIAL:
HOUSING: THERMOPLASTIC POLYESTER, UL94V-0
SHELL: STEEL, NICKEL PLATED
CONTACT: COPPER ALLOY, 15μ GOLD PLATED
OPERATING TEMPERATURE: -55°C to +85°C
CURRENT RATING: 3A PER CONTACT
CONTACT RESISTANCE: 25mΩ MAX.
INSULATOR RESISTANCE: 5000MΩ min.
DIELECTRIC
WITHSTANDING VOLTAGE: 1000V AC rms
TOLERANCE
UNLESS OTHERWISE
SPECIFIED
.XX
±0.13
.XXX
DRAWN:
CHECKED:
SW REFERENCE NO.:
PART NUMBER:
SCALE:
YOUR CONNECTION TO QUALITY & SERVICE
WITHOUT WRITTEN PERMISSION.
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
TORONTO, ONTARIO
EDAC INC
CANADA
DO NOT MAKE MANUAL REVISIONS TO MASTER.
THIS IS A C.A.D. GENERATED DRAWING
AUG. 01/2018
SHEET
OF
628 ASSEMBLY
1:1
C.B
DATE:
DATE:
1
ISSUE
ISSUE NUMBER
ORIGINAL
1
THIS SERIES FULLY CONFORMS TO
THE EUROPEAN UNION DIRECTIVES
2011/65/EU FOR RoHS COMPLIANCY.
COMPLIANT
628 SERIES D-SUB CONNECTOR
.X
±0.25
1
1
DRAWING NUMBER:
±0.10
628-037-321-059
628-037-321-059


Similar Part No. - 628-037-321-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
628-037-321-059 EDAC-628-037-321-059 Datasheet
467Kb / 3P
628 (Metal) Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112" (2.84mm) Row Spacing | Vertical | Receptacle | Metal Body
More results

Similar Description - 628-037-321-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
627-025-620-049 EDAC-627-025-620-049 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-243 EDAC-627-025-620-243 Datasheet
99Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-246 EDAC-627-025-620-246 Datasheet
98Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-248 EDAC-627-025-620-248 Datasheet
98Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-262 EDAC-627-025-620-262 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-266 EDAC-627-025-620-266 Datasheet
98Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-621-053 EDAC-627-025-621-053 Datasheet
99Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
628-METAL-SERIES EDAC-628-METAL-SERIES Datasheet
467Kb / 3P
628 (Metal) Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112" (2.84mm) Row Spacing | Vertical | Receptacle | Metal Body
628-PLASTIC-SERIES EDAC-628-PLASTIC-SERIES Datasheet
260Kb / 2P
628 (Plastic) Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112" (2.84mm) Row Spacing | Vertical | Receptacle | Plastic Body
628M-SERIES EDAC-628M-SERIES Datasheet
340Kb / 3P
628M Series D-Sub Connectors | Machined Pins | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Vertical | Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com