| Electronic Components Datasheet Search |
|
FAN-7002-R Datasheet(PDF) 3 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
FAN-7002-R Datasheet(HTML) 3 Page - Arista Networks, Inc |
|
3 / 10 page ![]() 7260X3 Series | Platform Overview Arista Modular System Leaf-Spine Designs Scale to 55,296 25/50GbE ports at 3:1 subscription in a 16-way ECMP Design Arista Fixed System Leaf-Spine Designs Scale to 6,144 10GbE/25GbE ports or 1,536 40GbE/100GbE port at 3:1 Arista Leaf-Spine Two-tier Network Architecture with 7260X3 Series Enhanced Features for High Performance Networks The Arista 7260X3 deliver a suite of advanced tra c control and monitoring features to improve the agility of modern high performance environments, with solutions for data monitoring, and next-generation virtualization. Automating the data center enables customers to dynamically provision computing resources in the most e cient manner while also meeting business needs by maintaining service level agreements (SLAs). Arista EOS automates complex IT work ows and simpli es network operations while reducing or even eliminating downtime. Arista EOS rich automation capabilities not only reduce the human error element in network operations but also enable IT operators to make the network work the way they want. Arista o ers solutions for a variety of approaches to cloud-like network automation. Addressing the needs of the largest public cloud environments as well as applying those lessons learned in the turnkey CloudVision automation o ering. CloudVision CloudVision is a network-wide approach for workload orchestration and work ow automation as a turnkey solution for Cloud Networking. CloudVision extends the EOS publish subscribe architectural approach across the network for state, topology, monitoring and visibility. This enables enterprises to move to cloud-class automation without needing any signi cant internal development. Scaling Data Center Performance The Arista 7260X3 series deliver line rate switching at layer 2 and layer 3 to enable faster and simpler network designs for data centers that dramatically lowers the network capital and operational expenses. When used in conjunction with the Arista 7000 series of xed and modular switches it allows networks to scale to over 55,000 25/50G servers in low-latency two-tier networks that provide predictable and consistent application performance. The exibility of the L2 and L3 multi-path design options combined with support for open standards provides architectural exibility, scalability and network wide virtualization. Both designs support overlay networks via VXLAN and can integrate with standards-based overlay controller solutions. Arista EOS advanced features provide control and visibility with single point of management. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |