Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER608 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER608
Description  6.0 AMPS. High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER608 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER608 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER608 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 322 -
HER601 THRU HER608
6.0 AMPS. High Efficient Rectifiers
Voltage Range
50 to 1000 Volts
Current
6.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.65 grams
R-6
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
601
HER
602
HER
603
HER
604
HER
605
HER
606
HER
607
HER
608
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 200 300 400 600 800 1000
V
Maximum RMS Voltage
VRMS
35
70
140 210 280 420 560
700
V
Maximum DC Blocking Voltage
VDC
50
100 200 300 400 600 800 1000
V
Maximum
Average
Forward
Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 6.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
IR
10
200
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
50
75
nS
Typical Junction capacitance (Note 2)
Cj
130
85
pF
Typical Thermal Resistance (Note 3)
R
θJA
30
℃/W
Operating Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 16mm x 16mm on PCB.


Similar Part No. - HER608

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER608 WTE-HER608 Datasheet
48Kb / 3P
6.0A HIGH EFFICIENCY RECTIFIER
logo
Jinan Gude Electronic D...
HER608 JGD-HER608 Datasheet
169Kb / 2P
6.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER608 GOOD-ARK-HER608 Datasheet
150Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Micro Commercial Compon...
HER608 MCC-HER608 Datasheet
91Kb / 2P
6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
HER608 TSC-HER608 Datasheet
271Kb / 2P
6.0 AMPS. High Efficient Rectifiers
More results

Similar Description - HER608

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151 Datasheet
267Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151 TSC-HER151_1 Datasheet
69Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER301 TSC-HER301_1 Datasheet
269Kb / 2P
3.0 AMPS. High Efficient Rectifiers
HER601 TSC-HER601_1 Datasheet
271Kb / 2P
6.0 AMPS. High Efficient Rectifiers
HER601G TSC-HER601G Datasheet
70Kb / 2P
6.0 AMPS. Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_1 Datasheet
272Kb / 2P
6.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER151 YANGJIE-HER151 Datasheet
57Kb / 2P
1.5 AMPS. HIGH EFFICIENT RECTIFIERS
HER301-UF5400 YANGJIE-HER301-UF5400 Datasheet
315Kb / 2P
3.0 AMPS. HIGH EFFICIENT RECTIFIERS
HER601 YANGJIE-HER601 Datasheet
754Kb / 2P
6.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER601G TSC-HER601G_10 Datasheet
585Kb / 2P
6.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com