Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F103VBH6 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F103VBH6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VBH6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F103VBH6 Datasheet HTML 57Page - STMicroelectronics STM32F103VBH6 Datasheet HTML 58Page - STMicroelectronics STM32F103VBH6 Datasheet HTML 59Page - STMicroelectronics STM32F103VBH6 Datasheet HTML 60Page - STMicroelectronics STM32F103VBH6 Datasheet HTML 61Page - STMicroelectronics STM32F103VBH6 Datasheet HTML 62Page - STMicroelectronics STM32F103VBH6 Datasheet HTML 63Page - STMicroelectronics STM32F103VBH6 Datasheet HTML 64Page - STMicroelectronics STM32F103VBH6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
STM32F103xx
Package characteristics
61/67
Figure 29.
LQFP100 – 100-pin low-profile quad flat package outline
Table 43.
LQFP100 – 100-pin low-profile quad flat package mechanical data
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.004
0.008
D
16.00
0.630
D1
14.00
0.551
E
16.00
0.630
E1
14.00
0.551
e
0.50
0.020
θ
0°
3.5°
7°
0°
3.5°
7°
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
Number of pins
N
100
h
c
L
L1
e
b
A
A2
A1
D
D1
E
E1
ai14397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com