Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP3P50 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FQP3P50
Description  isc P-Channel MOSFET Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FQP3P50 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FQP3P50 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FQP3P50 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FQP3P50 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FQP3P50 Datasheet HTML 4Page - Inchange Semiconductor Company Limited FQP3P50 Datasheet HTML 5Page - Inchange Semiconductor Company Limited FQP3P50 Datasheet HTML 6Page - Inchange Semiconductor Company Limited FQP3P50 Datasheet HTML 7Page - Inchange Semiconductor Company Limited FQP3P50 Datasheet HTML 8Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
isc P-Channel MOSFET Transistor
FQP3P50
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TJ=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID= -0.25mA
-500
--
--
V
VGS(th)
Gate Threshold Voltage
VDS=-10V; ID= -0.25mA
-3.0
--
-5.0
V
RDS(on)
Drain-Source On-Resistance
VGS= -10V; ID= -1.35A
--
--
4.9
Ω
IGSS
Gate-Source Leakage Current
VGS= ±30V; VDS = 0 V
--
--
±100
nA
IDSS
Drain-Source Leakage Current
VDS= -500V; VGS= 0V
--
--
-1
μ
A
Ciss
Input Capacitance
VGS = 0V,
VDS = -25V,
f = 1.0MHz
--
560
--
pF
Coss
Output Capacitance
--
85
--
Crss
Reverse Transfer Capacitance
--
12
--
Qg
Total Gate Charge
VDD =-400V,
ID = -3A,
VGS = -10V
--
18.5
--
nC
Qgs
Gate-Source Charge
--
7
--
Qgd
Gate-Drain Charge
--
5.2
--
td(on)
Turn-on Delay Time
VDD = -30V,
ID = -0.5A,
VGS = -10V,
RG = 25Ω
--
85
--
ns
tr
Turn-on Rise Time
--
42
--
td(off)
Turn-off Delay Time
--
176
--
tf
Turn-off Fall Time
--
80
--
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
Tc = 25 ºC
--
--
-2.7
A
ISM
Pulsed Source Current
--
--
-12
VSD
Diode Forward Voltage
ISD= 20A, VGS= 0V
--
--
-
-3.5
V
trr
Reverse Recovery Time
VGS =0V, IF = IS ,
diF/dt = 100A /μs,
VGS = 0V
--
320
--
us
Qrr
Reverse Recovery Charge
--
4.1
--
uC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com