Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMZA65R010M2H Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IMZA65R010M2H
Description  SiC MOSFET CoolSiC™ MOSFET 650 V G2
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IMZA65R010M2H Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IMZA65R010M2H Datasheet HTML 3Page - Infineon Technologies AG IMZA65R010M2H Datasheet HTML 4Page - Infineon Technologies AG IMZA65R010M2H Datasheet HTML 5Page - Infineon Technologies AG IMZA65R010M2H Datasheet HTML 6Page - Infineon Technologies AG IMZA65R010M2H Datasheet HTML 7Page - Infineon Technologies AG IMZA65R010M2H Datasheet HTML 8Page - Infineon Technologies AG IMZA65R010M2H Datasheet HTML 9Page - Infineon Technologies AG IMZA65R010M2H Datasheet HTML 10Page - Infineon Technologies AG IMZA65R010M2H Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CoolSiC™ MOSFET 650 V G2
IMZA65R010M2H
Public
Datasheet
7
Revision 2.0
https://www.infineon.com
2024‑09‑24
Table 6      Dynamic characteristics
External parasitic elements (PCB layout) influence switching behavior significantly.
Stray inductances and coupling capacitances must be minimized. 
For layout recommendations please use provided application notes or contact Infineon sales office.
Parameter
Symbol
Values
Unit Note/ Test Condition
Min. Typ. Max.
Turn‑off delay time
t
‑
30
‑
ns
V  = 400 V,   = 0/18 V,
V
 = 92.1 A, 
 = 3.3 Ω;
I
R
see table 10
Fall time
t
‑
9.4 ‑
ns
V  = 400 V,   = 0/18 V,
V
 = 92.1 A, 
 = 3.3 Ω;
I
R
see table 10
Turn‑ON switching losses 8)
E
‑
216 ‑
μJ
V  = 400 V,   = 0/18 V,
V
 = 92.1 A, 
 = 3.3 Ω
I
R
Turn‑OFF switching losses 8)
E
‑
371 ‑
μJ
V  = 400 V,   = 0/18 V,
V
 = 92.1 A, 
 = 3.3 Ω
I
R
Total switching losses 8)
E
‑
587 ‑
μJ
V  = 400 V,   = 0/18 V,
V
 = 92.1 A, 
 = 3.3 Ω
I
R
    Maximum specification is defined by calculated six sigma upper confidence bound.
5)
    
 is a fixed capacitance that gives the same stored energy as 
 while   is rising from 0 to 400 V.
6) C
C
V
    
 is a fixed capacitance that gives the same charging time as 
 while   is rising from 0 to 400 V.
7) C
C
V
    Values for 4‑pin configuration based on TO‑263‑7 measurements; MOSFET used in half‑bridge configuration without external 
8)
diode.
Table 7      Gate charge characteristics
Parameter
Symbol
Values
Unit Note/ Test Condition
Min. Typ. Max.
Plateau gate to source charge
Q
‑
29 ‑
nC
V  = 400 V,   = 92.1 A,
I
 = 0 to 18 V
V
Gate to drain charge
Q
‑
20 ‑
nC
V  = 400 V,   = 92.1 A,
I
 = 0 to 18 V
V
Total gate charge
Q
‑
112 ‑
nC
V  = 400 V,   = 92.1 A,
I
 = 0 to 18 V
V
Table 8      Reverse diode characteristics
Parameter
Symbol
Values
Unit Note/ Test Condition
Min. Typ. Max.
Drain‑source reverse voltage
V
‑
4.3 ‑
V
V  = 0 V,   = 92.1 A,   = 25°C
I
T
MOSFET forward recovery time
t
‑
25 
19 ‑
ns
V  = 400 V,   = 92.1 A,
I
d /d  = 1000 A/μs; see table 9 
i t
 = 400 V,   = 92.1 A,
V
I
d /d  = 4000 A/μs; see table 9
i t
d(off)
DD
GS
D
G,ext
f
DD
GS
D
G,ext
on
DD
GS
D
G,ext
off
DD
GS
D
G,ext
tot
DD
GS
D
G,ext
o(er)
oss
DS
o(tr)
oss
DS
GS(pl)
DD
D
GS
GD
DD
D
GS
G
DD
D
GS
SD
GS
S
j
fr
DD
S
S
DD
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com