Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255C Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32MP255C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255C Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32MP255C Datasheet HTML 25Page - STMicroelectronics STM32MP255C Datasheet HTML 26Page - STMicroelectronics STM32MP255C Datasheet HTML 27Page - STMicroelectronics STM32MP255C Datasheet HTML 28Page - STMicroelectronics STM32MP255C Datasheet HTML 29Page - STMicroelectronics STM32MP255C Datasheet HTML 30Page - STMicroelectronics STM32MP255C Datasheet HTML 31Page - STMicroelectronics STM32MP255C Datasheet HTML 32Page - STMicroelectronics STM32MP255C Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 241 page
background image
3.27
Analog-to-digital converters (ADC1/2/3)
STM32MP25xC/F devices embed three analog-to-digital converters, which resolution can be configured to 12, 10,
or 8 bits. Each ADC shares up to 20 channels, performing conversions in single-shot or scan mode. In scan
mode, an automatic conversion is performed on a selected group of analog inputs.
Additional logic functions embedded in the ADC interface allow:
•
simultaneous ADC1/ADC2 conversion
•
interleaved ADC1/ADC2 conversion
The ADC can be served by DMA, thus allows the automatic transfer of ADC converted values to a destination
location without any software action.
In addition, an analog watchdog feature can accurately monitor the converted voltage of one, some, or all
selected channels. An interrupt is generated when the converted voltage is outside the programmed thresholds.
In order to synchronize A/D conversion, the ADCs can be triggered by timers.
3.28
Digital temperature sensor (DTS)
The DTS is a high-precision low-power junction temperature sensor, based on a configurable controller plus one
or multiple embedded temperature sensors. The sensor can operate in two distinct modes to provide temperature
readings:
•
first mode used to a provide calibrated accurate temperature
•
second mode that does not require any calibration
Main features:
•
Two programmable (rise or fall) hardware alarms incorporating hysteresis
•
Status registers recording the minimum and maximum data values received
•
A power-up timer with IRQ to support manual operation
•
A calibration sequence requiring no knowledge of die temperature.
3.29
VBAT operation
The VSW domain supplies the RTC, the TAMP, the LSI, the LSE, the IWDG5, the backup registers, the LPSRAM1,
the retention RAM, and the backup SRAM.
In order to optimize the battery duration, this power domain is supplied by VDD when available, or by the voltage
applied on VBAT pin (when VDD supply is not present). VBAT power is switched when the PDR detects that VDD
has dropped below the PDR level.
The voltage on VBAT pin can be provided by an external battery, by a supercapacitor, or directly by VDD. In the
later case, VBAT mode is not functional.
VBAT operation is activated when VDD is not present.
Note:
None of these events (external interrupts, watchdog reset, TAMP event, or RTC alarm/events) can directly
restore the VDD supply, and force the device out of the VBAT operation. Nevertheless, watchdog reset (taken as
a tamper event), TAMP events, and RTC alarm/events can be used to generate a signal to an external circuitry
(typically a PMIC) that can restore the VDD supply.
3.30
Voltage reference buffer (VREFBUF)
STM32MP25xC/F devices embed a voltage reference buffer which can be used as voltage reference for ADC,
and as voltage reference for external components through VREF+ pin.
An external voltage reference must be provided through the VREF+ pin when the internal voltage reference buffer
is off.
3.31
Multifunction digital filter (MDF1)
The MDF is a high-performance module dedicated to the connection of external sigma-delta (Σ∆) modulators.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 29/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com