Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM7367 Datasheet(PDF) 47 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 47 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 43Page - PMC-Sierra, Inc PM7367 Datasheet HTML 44Page - PMC-Sierra, Inc PM7367 Datasheet HTML 45Page - PMC-Sierra, Inc PM7367 Datasheet HTML 46Page - PMC-Sierra, Inc PM7367 Datasheet HTML 47Page - PMC-Sierra, Inc PM7367 Datasheet HTML 48Page - PMC-Sierra, Inc PM7367 Datasheet HTML 49Page - PMC-Sierra, Inc PM7367 Datasheet HTML 50Page - PMC-Sierra, Inc PM7367 Datasheet HTML 51Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
33
8.2.4 Loopback Controller
The loopback controller block implements the channel based diagnostic
loopback function. Every valid data byte belonging to a channel with diagnostic
loopback enabled from the Transmit HDLC Processor / Partial Packet Buffer
block (THDL) is written into a 64 word FIFO. The loopback controller monitors
for an idle time-slot or a time-slot carrying a channel with diagnostic loopback
enabled. If either conditions hold, the current data byte is replaced by data
retrieved from the loopback data FIFO.
8.3 Receive HDLC Processor / Partial Packet Buffer
The Receive HDLC Processor / Partial Packet Buffer block (RHDL) processes up
to 32 synchronous transmission HDLC data streams. Each channel can be
individually configured to perform flag sequence detection, bit de-stuffing and
CRC-CCITT or CRC-32 verification. The packet data is written into the partial
packet buffer. At the end of a frame, packet status including CRC error, octet
alignment error and maximum length violation are also loaded into the partial
packet buffer. Alternatively, a channel can be provisioned as transparent, in
which case, the HDLC data stream is passed to the partial packet buffer
processor verbatim.
There is a natural precedence in the alarms detectable on a receive packet.
Once a packet exceeds the programmable maximum packet length, no further
processing is performed on it. Thus, octet alignment detection, FCS verification
and abort recognition are squelched on packets with a maximum length violation.
An abort indication squelches octet alignment detection, minimum packet length
violations, and FCS verification. In addition, FCS verification is only performed
on packets that do not have octet alignment errors, in order to allow the RHDL to
perform CRC calculations on a byte-basis.
The partial packet buffer is an 8 Kbyte RAM that is divided into 16-byte blocks.
Each block has an associated pointer which points to another block. A logical
FIFO is created for each provisioned channel by programming the block pointers
to form a circular linked list. A channel FIFO can be assigned a minimum of 3
blocks (48 bytes) and a maximum of 512 blocks (8 Kbytes). The depth of the
channel FIFOs are monitored in a round-robin fashion. Requests are made to
the Receive DMA Controller block (RMAC) to transfer, to the PCI host memory,
data in channel FIFOs with depths exceeding their associated threshold.
8.3.1 HDLC Processor
The HDLC processor is a time-slice state machine which can process up to 32
independent channels. The state vector and provisioning information for each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com