Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22800-059A Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY22800-059A
Description  Universal Programmable Clock Generator (UPCG)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22800-059A Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY22800-059A Datasheet HTML 2Page - Cypress Semiconductor CY22800-059A Datasheet HTML 3Page - Cypress Semiconductor CY22800-059A Datasheet HTML 4Page - Cypress Semiconductor CY22800-059A Datasheet HTML 5Page - Cypress Semiconductor CY22800-059A Datasheet HTML 6Page - Cypress Semiconductor CY22800-059A Datasheet HTML 7Page - Cypress Semiconductor CY22800-059A Datasheet HTML 8Page - Cypress Semiconductor CY22800-059A Datasheet HTML 9Page - Cypress Semiconductor CY22800-059A Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY22800
Document #: 001-07704 Rev. *A
Page 7 of 10
Absolute Maximum Conditions
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.6
V
TS
Storage Temperature
–65
125
°C
TJ
Junction Temperature
125
°C
Digital Inputs
VSS – 0.3
VDD + 0.3
V
Digital Outputs referred to VDD
VSS – 0.3
VDD + 0.3
V
Electro-Static Discharge
2
kV
Recommended Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Operating Voltage
3.14
3.3
3.47
V
TA
Ambient Temperature, Commercial Grade
0
70
°C
Ambient Temperature, Industrial Grade
–40
85
°C
CLOAD
Max. Load Capacitance on the CLK output
15
pF
fREF[4]
Reference Frequency
0.5
100
MHz
tPU
Power-up time for all VDDs to reach minimum specified voltage (power ramps
must be monotonic)
0.05
500
ms
Pullable Crystal Specifications for VCXO Application ONLY
Parameter
Name
Min
Typ
Max
Unit
CLNOM
Crystal Load Capacitance
14
pF
R1
Equivalent Series Resistance
25
R3/R1
Ratio of Third Overtone Mode ESR to Fundamental Mode ESR. Ratio used
because typical R1 values are much less than the maximum spec
3–
DL
Crystal Drive Level. No external series resistor assumed
0.5
2
mW
F3SEPHI
Third overtone separation from 3*FNOM (High Side)
300
ppm
F3SEPLO
Third overtone separation from 3*FNOM (Low Side)
–150
ppm
C0
Crystal shunt capacitance
7pF
C0/C1
Ratio of Shunt to motional capacitance
180
250
C1
Crystal motional capacitance
14.4
18
21.6
fF
Recommended Crystal Specifications for ALL other Applications
Parameter
Name
Description
Min
Typ
Max
Unit
FNOM
Nominal Crystal Frequency
Parallel resonance, fundamental mode, and
AT cut
8–
30
MHz
CLNOM
Nominal Load Capacitance
12
pF
R1
Equivalent Series Resistance
(ESR)
Fundamental mode
35
50
DL
Crystal Drive Level
No external series resistor assumed
0.5
2
mW
Note
4. Configuration dependent, see the one-page documents.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com