Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSS804 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS804
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS804 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS804 Datasheet HTML 1Page - Sanyo Semicon Device FSS804 Datasheet HTML 2Page - Sanyo Semicon Device FSS804 Datasheet HTML 3Page - Sanyo Semicon Device FSS804 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS804
No. A0518-3/4
7
5
5
1.0
3
2
10
3
2
7
5
3
27
5
33
2
0.1
1.0
10
2
7
5
3
2
3
2
1.0
2
7
5
3
10
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10000
1000
7
5
3
2
7
5
3
2
100
0
5
10
15
20
25
30
Ciss
Coss
Crss
10
9
8
7
6
5
4
3
2
1
0
05
10
15
20
30
40
25
35
45
50
55
VDS=10V
ID=14A
IT11516
IT11517
IT11519
IT11520
VDS=10V
f=1MHz
VGS=0V
Ta=
--25
°C
75
°C 25°
C
1.0
10
23
23
5
7
100
10
2
7
5
3
2
7
5
3
IT11518
td(off)
td(on)
VDD=15V
VGS=10V
tf
t r
0
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
2.5
3.0
3.3
3.5
IT11522
0.01
23
5 7 0.1
23
5 7 1.0
23
5 7 10
23
5
10
1.0
0.1
100
7
5
3
2
0.01
7
5
3
2
7
5
3
2
7
5
3
2
DC
operation
IDP=52A
ID=14A
≤10µs
1ms
10ms
100ms
10s
IT11521
Operation in this
area is limited by RDS(on).
yfs -- ID
Drain Current, ID -- A
Drain Current, ID -- A
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Qg -- VGS
Total Gate Charge, Qg -- nC
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
A S O
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2!0.8mm)
Ambient Temperature, Ta --
°C
PD -- Ta



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com